Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 132Page - Renesas Technology Corp R8C/29 Datasheet HTML 133Page - Renesas Technology Corp R8C/29 Datasheet HTML 134Page - Renesas Technology Corp R8C/29 Datasheet HTML 135Page - Renesas Technology Corp R8C/29 Datasheet HTML 136Page - Renesas Technology Corp R8C/29 Datasheet HTML 137Page - Renesas Technology Corp R8C/29 Datasheet HTML 138Page - Renesas Technology Corp R8C/29 Datasheet HTML 139Page - Renesas Technology Corp R8C/29 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 471 page
background image
R8C/28 Group, R8C/29 Group
12. Interrupts
Rev.2.10
Sep 26, 2008
Page 119 of 441
REJ09B0279-0210
12.2.2
INTi Input Filter (i = 0, 1, 3)
The INTi input contains a digital filter. The sampling clock is selected by bits INTiF1 to INTiF0 in the INTF
register. The INTi level is sampled every sampling clock cycle and if the sampled input level matches three
times, the IR bit in the INTiIC register is set to 1 (interrupt requested).
Figure 12.14 shows the Configuration of INTi Input Filter. Figure 12.15 shows an Operating Example of INTi
Input Filter.
Figure 12.14
Configuration of INTi Input Filter
Figure 12.15
Operating Example of INTi Input Filter
INTiF0, INTiF1: Bits in INTF register
INTiEN, INTiPL: Bits in INTEN register
i = 0, 1, 3
= 01b
INTi
Port direction
register(1)
Sampling clock
Digital filter
(input level
matches 3x)
INTi interrupt
= 10b
= 11b
f32
f8
f1
INTiF1 to INTiF0
INTiEN
Other than
INTiF1 to INTiF0
= 00b
= 00b
INTiPL = 0
INTiPL = 1
NOTE:
1. INT0: Port P4_5 direction register
INT1: Port P1_5 direction register when using the P1_5 pin
Port P1_7 direction register when using the P1_7 pin
INT3: Port P3_3 direction register
Both edges
detection
circuit
INTi input
Sampling
timing
IR bit in
INTiIC register
Set to 0 in program
This is an operation example when bits INTiF1 to INTiF0 in the
INTiF register are set to 01b, 10b, or 11b (digital filter enabled).
i = 0, 1, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com