Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 356Page - Renesas Technology Corp R8C/29 Datasheet HTML 357Page - Renesas Technology Corp R8C/29 Datasheet HTML 358Page - Renesas Technology Corp R8C/29 Datasheet HTML 359Page - Renesas Technology Corp R8C/29 Datasheet HTML 360Page - Renesas Technology Corp R8C/29 Datasheet HTML 361Page - Renesas Technology Corp R8C/29 Datasheet HTML 362Page - Renesas Technology Corp R8C/29 Datasheet HTML 363Page - Renesas Technology Corp R8C/29 Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 471 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 343 of 441
REJ09B0279-0210
19.3
Functions to Prevent Rewriting of Flash Memory
Standard serial I/O mode has an ID code check function, and parallel I/O mode has a ROM code protect function to
prevent the flash memory from being read or rewritten easily.
19.3.1
ID Code Check Function
This function is used in standard serial I/O mode. Unless the flash memory is blank, the ID codes sent from the
programmer and the ID codes written in the flash memory are checked to see if they match. If the ID codes do
not match, the commands sent from the programmer are not acknowledged. The ID codes consist of 8 bits of
data each, the areas of which, beginning with the first byte, are 00FFDFh, 00FFE3h, 00FFEBh, 00FFEFh,
00FFF3h, 00FFF7h, and 00FFFBh. Write programs in which the ID codes are set at these addresses and write
them to the flash memory.
Figure 19.3
Address for Stored ID Code
4 bytes
Address
NOTE:
1. The OFS register is assigned to 00FFFFh.
Refer to
Figure 19.4 OFS Register for OFS register details.
ID1
ID2
ID3
ID4
ID5
ID6
ID7
(Note 1)
Undefined instruction vector
Overflow vector
BRK instruction vector
Address match vector
Oscillation stop detection/watchdog
timer/voltage monitor 1 and voltage
monitor 2 vector
Address break
Reset vector
(Reserved)
Single step vector
00FFDFh to 00FFDCh
00FFE3h to 00FFE0h
00FFE7h to 00FFE4h
00FFEBh to 00FFE8h
00FFEFh to 00FFECh
00FFF3h to 00FFF0h
00FFF7h to 00FFF4h
00FFFBh to 00FFF8h
00FFFFh to 00FFFCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com