Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 354Page - Renesas Technology Corp R8C/29 Datasheet HTML 355Page - Renesas Technology Corp R8C/29 Datasheet HTML 356Page - Renesas Technology Corp R8C/29 Datasheet HTML 357Page - Renesas Technology Corp R8C/29 Datasheet HTML 358Page - Renesas Technology Corp R8C/29 Datasheet HTML 359Page - Renesas Technology Corp R8C/29 Datasheet HTML 360Page - Renesas Technology Corp R8C/29 Datasheet HTML 361Page - Renesas Technology Corp R8C/29 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 471 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 341 of 441
REJ09B0279-0210
19.2
Memory Map
The flash memory contains a user ROM area and a boot ROM area (reserved area).
Figure 19.1 shows the Flash Memory Block Diagram for R8C/28 Group. Figure 19.2 shows a Flash Memory Block
Diagram for R8C/29 Group.
The user ROM area of the R8C/29 Group contains an area (program ROM) which stores MCU operating programs
and blocks A and B (data flash) each 1 Kbyte in size.
The user ROM area is divided into several blocks. The user ROM area can be rewritten in CPU rewrite mode and
standard serial I/O and parallel I/O modes.
When rewriting blocks 0 and 1 in CPU rewrite mode, set the FMR02 bit in the FMR0 register to 1 (rewrite
enabled). When the FMR15 bit in the FMR1 register is set to 0 (rewrite enabled), block 0 is rewritable. When the
FMR16 bit is set to 0 (rewrite enabled), block 1 is rewritable.
The rewrite control program for standard serial I/O mode is stored in the boot ROM area before shipment. The boot
ROM area and the user ROM area share the same address, but have separate memory areas.
Figure 19.1
Flash Memory Block Diagram for R8C/28 Group
Boot ROM area
(reserved area)(2)
8 Kbytes
0E000h
0FFFFh
User ROM area
User ROM area
Block 0: 8 Kbytes(1)
0E000h
0FFFFh
Block 0: 16 Kbytes(1)
0C000h
0FFFFh
16 Kbyte ROM product
Program ROM
8 Kbyte ROM product
Boot ROM area
(reserved area)(2)
User ROM area
8 Kbytes
0E000h
0FFFFh
08000h
Block 1: 16 Kbytes(1)
Block 0: 16 Kbytes(1)
0BFFFh
0C000h
0FFFFh
32 Kbytes ROM product
Program ROM
NOTES:
1. When the FMR02 bit in the FMR0 register is set to 1 (rewrite enabled) and the FMR15 bit in the FMR1 register is set to 0
(rewrite enabled), block 0 is rewritable. When the FMR16 bit is set to 0 (rewrite enabled), block 1 is rewritable (only for CPU
rewrite mode).
2. This area is for storing the boot program provided by Renesas Technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com