Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 353Page - Renesas Technology Corp R8C/29 Datasheet HTML 354Page - Renesas Technology Corp R8C/29 Datasheet HTML 355Page - Renesas Technology Corp R8C/29 Datasheet HTML 356Page - Renesas Technology Corp R8C/29 Datasheet HTML 357Page - Renesas Technology Corp R8C/29 Datasheet HTML 358Page - Renesas Technology Corp R8C/29 Datasheet HTML 359Page - Renesas Technology Corp R8C/29 Datasheet HTML 360Page - Renesas Technology Corp R8C/29 Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 471 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 340 of 441
REJ09B0279-0210
19. Flash Memory
19.1
Overview
In the flash memory, rewrite operations to the flash memory can be performed in three modes
: CPU rewrite,
standard serial I/O, and parallel I/O.
Table 19.1 lists the Flash Memory Performance (refer to Tables 1.1 and 1.2 Functions and Specifications for
items not listed in Table 19.1).
NOTES:
1. Definition of programming and erasure endurance
The programming and erasure endurance is defined on a per-block basis. If the programming and erasure
endurance is n (n = 100 or 10,000), each block can be erased n times. For example, if 1,024 1-byte writes are
performed to different addresses in block A, a 1-Kbyte block, and then the block is erased, the programming/
erasure endurance still stands at one. When performing 100 or more rewrites, the actual erase count can be
reduced by executing programming operations in such a way that all blank areas are used before performing an
erase operation. Avoid rewriting only particular blocks and try to average out the programming and erasure
endurance of the blocks. It is also advisable to retain data on the erasure endurance of each block and limit the
number of erase operations to a certain number.
2. Blocks A and B are implemented only in the R8C/29 group.
3. To perform programming and erasure, use VCC = 2.7 to 5.5 V as the supply voltage. Do not perform
programming and erasure at less than 2.7 V.
Table 19.1
Flash Memory Performance
Item
Specification
Flash memory operating mode
3 modes (CPU rewrite, standard serial I/O, and parallel I/O)
Division of erase block
Refer to Figures 19.1 and 19.2
Programming method
Byte unit
Erase method
Block erase
Programming and erasure control method(3)
Program and erase control by software command
Rewrite control method
Rewrite control for blocks 0 and 1 by FMR02 bit in FMR0 register
Rewrite control for block 0 by FMR15 bit and block 1 by FMR16 bit in
FMR1 register
Number of commands
5 commands
Programming and
erasure
endurance(1)
Blocks 0 and 1 (program
ROM)
R8C/28 Group: 100 times; R8C/29 Group: 1,000 times
Blocks A and B (data
flash)(2)
10,000 times
ID code check function
Standard serial I/O mode supported
ROM code protect
Parallel I/O mode supported
Table 19.2
Flash Memory Rewrite Modes
Flash memory
Rewrite mode
CPU Rewrite Mode
Standard Serial I/O
Mode
Parallel I/O Mode
Function
User ROM area is rewritten by executing
software commands from the CPU.
EW0 mode: Rewritable in the RAM
EW1 mode: Rewritable in flash memory
User ROM area is
rewritten by a
dedicated serial
programmer.
User ROM area is
rewritten by a
dedicated parallel
programmer.
Areas which can
be rewritten
User ROM area
User ROM area
User ROM area
Operating mode
Single chip mode
Boot mode
Parallel I/O mode
ROM Programmer None
Serial programmer
Parallel programmer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com