Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 415 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 411Page - Renesas Technology Corp HD6417618A Datasheet HTML 412Page - Renesas Technology Corp HD6417618A Datasheet HTML 413Page - Renesas Technology Corp HD6417618A Datasheet HTML 414Page - Renesas Technology Corp HD6417618A Datasheet HTML 415Page - Renesas Technology Corp HD6417618A Datasheet HTML 416Page - Renesas Technology Corp HD6417618A Datasheet HTML 417Page - Renesas Technology Corp HD6417618A Datasheet HTML 418Page - Renesas Technology Corp HD6417618A Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 383 of 610
REJ09B0131-0600
14.5
SCIF Interrupts
The SCIF has four interrupt sources: transmit-FIFO-data-empty (TXI), receive-error (ERI),
receive-data-full (RXI), and break (BRI).
Table 14.11 shows the interrupt sources and their order of priority. The interrupt sources are
enabled or disabled by means of the TIE, RIE, and REIE bits in SCSCR. A separate interrupt
request is sent to the interrupt controller for each of these interrupt sources.
When TXI request is enabled by TIE bit and the TDFE flag in the serial status register (SCFSR) is
set to 1, a TXI interrupt request is generated.
When RXI request is enabled by RIE bit and the RDF or DR flag in SCFSR is set to 1, an RXI
interrupt request is generated. The RXI interrupt request caused by DR flag is generated only in
asynchronous mode.
When BRI request is enabled by RIE bit or REIE bit and the BRK flag in SCFSR or ORER flag in
SCLSR is set to 1, a BRI interrupt request is generated.
When ERI request is enabled by RIE bit or REIE bit and the ER flag in SCFCR is set to 1, an ERI
interrupt request is generated.
When the RIE bit is set to 0 and the REIE bit is set to 1, SCIF request ERI interrupt and BRI
interrupt without requesting RXI interrupt.
The TXI interrupt indicates that transmit data can be written, and the RXI interrupt indicates that
there is receive data in SCFRDR.
Table 14.11 SCIF Interrupt Sources
Interrupt
Source
Description
Interrupt
Enable Bit
Priority on
Reset Release
ERI
Interrupt initiated by receive error (ER)
RIE or REIE
High
RXI
Interrupt initiated by receive data FIFO full (RDF) or
data ready (DR)
RIE
BRI
Interrupt initiated by break (BRK) or overrun error
(ORER)
RIE or REIE
TXI
Interrupt initiated by transmit FIFO data empty
(TDFE)
TIE
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com