Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 412 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 408Page - Renesas Technology Corp HD6417618A Datasheet HTML 409Page - Renesas Technology Corp HD6417618A Datasheet HTML 410Page - Renesas Technology Corp HD6417618A Datasheet HTML 411Page - Renesas Technology Corp HD6417618A Datasheet HTML 412Page - Renesas Technology Corp HD6417618A Datasheet HTML 413Page - Renesas Technology Corp HD6417618A Datasheet HTML 414Page - Renesas Technology Corp HD6417618A Datasheet HTML 415Page - Renesas Technology Corp HD6417618A Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 380 of 610
REJ09B0131-0600
Receiving Serial Data (Synchronous Mode): Figure 14.15 shows a sample flowchart for
receiving serial data. When switching from asynchronous mode to synchronous mode without
SCIF initialization, make sure that ORER, PER, and FER are cleared to 0.
Start of reception
Read ORER flag in SCLSR
ORER = 1?
Read RDF flag in SCFSR
RDF = 1?
Read receive data in
SCFRDR, and clear RDF
flag in SCFSR to 0
All data received?
Clear RE bit in SCSCR to 0
End of reception
Yes
No
Yes
Yes
No
No
Error handling
[1] Receive error handling:
Read the ORER flag in SCLSR to
identify any error, perform the appropriate
error handling, then clear the ORER flag
to 0. Transmission/reception cannot be
resumed while the ORER flag is set to 1.
[2] SCIF status check and receive data read:
Read SCFSR and check that RDF = 1,
then read the receive data in SCFRDR,
and clear the RDF flag to 0. The transition
of the RDF flag from 0 to 1 can also be
identified by an RXI interrupt.
[3] Serial reception continuation procedure:
To continue serial reception, read at least
the receive trigger set number of receive
data bytes from SCFRDR, read 1 from the
RDF flag, then clear the RDF flag to 0.
The number of receive data bytes in
SCFRDR can be ascertained by reading
SCFRDR.
[1]
[2]
[3]
Figure 14.15 Sample Flowchart for Receiving Serial Data (1)
Error handling
Clear ORER flag in SCLSR to 0
End
Overrun error handling
ORER = 1?
Yes
No
Figure 14.16 Sample Flowchart for Receiving Serial Data (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com