Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 226 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 226 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 222Page - STMicroelectronics STM32MP253C Datasheet HTML 223Page - STMicroelectronics STM32MP253C Datasheet HTML 224Page - STMicroelectronics STM32MP253C Datasheet HTML 225Page - STMicroelectronics STM32MP253C Datasheet HTML 226Page - STMicroelectronics STM32MP253C Datasheet HTML 227Page - STMicroelectronics STM32MP253C Datasheet HTML 228Page - STMicroelectronics STM32MP253C Datasheet HTML 229Page - STMicroelectronics STM32MP253C Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 241 page
background image
8
Ordering information
Example:
STM32
MP
257
F
AI
3
␣
T
Device family
STM32 = Arm® -based 32- or 64-bit processor
Product type
MP = MPU product
Device subfamily
251 = STM32MP251 line
253 = STM32MP253 line
255 = STM32MP255 line
257 = STM32MP257 line
Security option
C = Secure boot, cryptography hardware, 1.2 GHz CPU1, 800 MHz GPU(1)
F = Secure boot, cryptography hardware, 1.5 GHz CPU1, 900 MHz GPU(1)
Package and ball count
AJ = TFBGA361 16x16, 361 balls pitch 0.8 mm
AL = VFBGA361 10x10, 361 balls pitch 0.5 mm
AK = VFBGA424 14x14, 424 balls pitch 0.5 mm
AI = TFBGA436 18x18, 436 balls pitch 0.8 mm
Junction temperature range
3 = -40 °C < TJ < +125 °C
Options
␣ (absent) = no options
Packing
T = Tape and reel
No character = tray or tube
1. GPU is absent in some devices (see Section 2 for details).
Note:
For a list of available options (such as speed and package) or for further information on any aspect of this
device, contact your nearest ST sales office.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Ordering information
DS14284 - Rev 3
page 226/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com