Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 222 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 222 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 218Page - STMicroelectronics STM32MP253C Datasheet HTML 219Page - STMicroelectronics STM32MP253C Datasheet HTML 220Page - STMicroelectronics STM32MP253C Datasheet HTML 221Page - STMicroelectronics STM32MP253C Datasheet HTML 222Page - STMicroelectronics STM32MP253C Datasheet HTML 223Page - STMicroelectronics STM32MP253C Datasheet HTML 224Page - STMicroelectronics STM32MP253C Datasheet HTML 225Page - STMicroelectronics STM32MP253C Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 241 page
background image
3. The terminal (ball) A1 corner must be identified on the top surface of the package by using a corner chamfer,
ink or metallized markings, or other feature of package body or integral heat slug. A distinguish feature is
allowable on the bottom surface of the package to identify the terminal A1 corner. Exact shape of each corner
is optional.
Table 129. VFBGA424 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
-
-
1.000
-
-
0.0394
A1(3)
0.155
-
-
0.0061
-
-
b(4)
0.260
0.310
0.360
0.0102
0.0122
0.0142
D(5)
14.000 BSC
0.5512 BSC
D1(5)
13.000 BSC
0.5118 BSC
E(5)
14.000 BSC
0.5512 BSC
E1(5)
13.000 BSC
0.5118 BSC
e(5)(6)
0.500 BSC
0.0197 BSC
e1(5)(6)
1.000 BSC
0.0394 BSC
N(7)
424
SD(5)(8)
0.500 BSC
0.0197 BSC
SE(5)(8)
0.500 BSC
0.0197 BSC
SD1(5)(8)
0.250 BSC
0.0098 BSC
SE1(5)(8)
0.250 BSC
0.0098 BSC
aaa(9)
0.150
0.0059
ccc(9)
0.200
0.0079
ddd(9)
0.100
0.0031
eee(9)
0.150
0.0059
fff(9)
0.050
0.0020
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. The profile height, A, is the distance from the seating plane to the highest point on the package. It is measured
perpendicular to the seating plane
3. A1 is defined as the distance from the seating plane to the lowest point on the package body.
4. Dimension b is measured at the maximum diameter of the terminal (ball) in a plane parallel to primary datum C.
5. BSC stands for BASIC dimensions. It corresponds to the nominal value and has no tolerance. For tolerances refer to form
and position table
6. e(x) represents the solder ball grid pitch(es).
7. N represents the total number of balls on the BGA.
8. Basic dimensions SD(x) & SE(y) are defined with respect to datums A and B. They define the position of the centre ball(s) of
the ball matrix.
9. Tolerance of form and position drawing.
7.5
TFBGA436 package information (B0MS)
This TFBGA is a 436-ball, 18 x 18 mm, thin fine pitch ball grid array package.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Package information
DS14284 - Rev 3
page 222/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com