Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 220 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 220 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 216Page - STMicroelectronics STM32MP253C Datasheet HTML 217Page - STMicroelectronics STM32MP253C Datasheet HTML 218Page - STMicroelectronics STM32MP253C Datasheet HTML 219Page - STMicroelectronics STM32MP253C Datasheet HTML 220Page - STMicroelectronics STM32MP253C Datasheet HTML 221Page - STMicroelectronics STM32MP253C Datasheet HTML 222Page - STMicroelectronics STM32MP253C Datasheet HTML 223Page - STMicroelectronics STM32MP253C Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 241 page
background image
Table 128. VFBGA361 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
-
-
1.00
-
-
0.0394
A1(3)
0.155
-
-
0.0061
-
-
b(4)
0.260
0.310
0.360
0.0102
0.0122
0.0142
D(5)
10.00 BSC
0.3937 BSC
D1
9.000 BSC
0.3543 BSC
E
10.00 BSC
0.3937 BSC
E1
9.000 BSC
0.3543 BSC
e(6)
0.500 BSC
0.0197 BSC
N(7)
361
SD(8)
0.500
0.0197
SE(8)
0.500
0.0197
aaa(9)
0.150
0.0059
ccc(9)
0.200
0.0079
ddd(9)
0.080
0.0031
eee(9)
0.150
0.0059
fff(9)
0.050
0.0020
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. The profile height, A, is the distance from the seating plane to the highest point on the package. It is measured
perpendicular to the seating plane
3. A1 is defined as the distance from the seating plane to the lowest point on the package body.
4. Dimension b is measured at the maximum diameter of the terminal (ball) in a plane parallel to primary datum C.
5. BSC stands for BASIC dimensions. It corresponds to the nominal value and has no tolerance. For tolerances refer to form
and position table
6. e(x) represents the solder ball grid pitch(es).
7. N represents the total number of balls on the BGA.
8. Basic dimensions SD(x) & SE(y) are defined with respect to datums A and B. They define the position of the centre ball(s) of
the ball matrix.
9. Tolerance of form and position drawing.
7.4
VFBGA424 package information (B0MP)
This VFBGA is a 424-ball, 14 x 14 mm, very thin fine pitch ball grid array package.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Package information
DS14284 - Rev 3
page 220/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com