Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 225 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 225 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 221Page - STMicroelectronics STM32MP253C Datasheet HTML 222Page - STMicroelectronics STM32MP253C Datasheet HTML 223Page - STMicroelectronics STM32MP253C Datasheet HTML 224Page - STMicroelectronics STM32MP253C Datasheet HTML 225Page - STMicroelectronics STM32MP253C Datasheet HTML 226Page - STMicroelectronics STM32MP253C Datasheet HTML 227Page - STMicroelectronics STM32MP253C Datasheet HTML 228Page - STMicroelectronics STM32MP253C Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 241 page
background image
Table 131. TFBGA436 - Example of PCB design rules
Dimension
Values
Pitch
0.8 mm
Dpad
0.320 mm
Dsm
0.420 mm typ. (depends on soldermask registration tolerance)
Stencil opening
0.320 mm
Stencil thickness
0.125 to 0.100 mm
7.6
Package thermal characteristics
The maximum chip-junction temperature, TJ max, in degrees Celsius, can be calculated using the following
equation:
TJmax=TAmax+ PDmax×ΘJA
where:
•
TA max is the maximum ambient temperature in °C.
•
ΘJA is the package junction-to-ambient thermal resistance in °C/W.
•
PD max is the sum of PINT max and PI/O max:
PDmax=PINTmax+PI/Omax
•
PINT max is the product of IDD and VDD, expressed in Watts. This is the maximum chip internal power.
PI/O max represents the maximum power dissipation on output pins:
PI/Omax= VOL×IOL + VDDIOx−VOH ×IOH
taking into account the actual VOL/IOL and VOH/IOH of the I/Os at low and high level in the application.
Table 132. Package thermal characteristics
Symbol
Parameter
Package
Value
Unit
ΘJA
Thermal resistance junction-ambient
TFBGA361 16×16 mm
20.2
°C/W
VFBGA361 10×10 mm
23.1
VFBGA424 14×14 mm
20.9
TFBGA436 18×18 mm
19.5
ΘJB
Thermal resistance junction-board
TFBGA361 16×16 mm
11.7
VFBGA361 10×10 mm
9.5
VFBGA424 14×14 mm
11.8
TFBGA436 18×18 mm
11.6
ΘJC
Thermal resistance junction-top case
TFBGA361 16×16 mm
5.5
VFBGA361 10×10 mm
5.7
VFBGA424 14×14 mm
5.5
TFBGA436 18×18 mm
5.4
7.6.1
Reference documents
•
JESD51-2 Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air)
available on www.jedec.org.
•
For information on thermal management, refer to application note "Guidelines for thermal management on
STM32 applications" (AN5036) available on www.st.com.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Package information
DS14284 - Rev 3
page 225/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com