Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 229 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 229 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 225Page - STMicroelectronics STM32MP253C Datasheet HTML 226Page - STMicroelectronics STM32MP253C Datasheet HTML 227Page - STMicroelectronics STM32MP253C Datasheet HTML 228Page - STMicroelectronics STM32MP253C Datasheet HTML 229Page - STMicroelectronics STM32MP253C Datasheet HTML 230Page - STMicroelectronics STM32MP253C Datasheet HTML 231Page - STMicroelectronics STM32MP253C Datasheet HTML 232Page - STMicroelectronics STM32MP253C Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 241 page
background image
Date
Revision
Changes
Updated Section 6.3.31: Camera interface (DCMI) characteristics including
Table 97. DCMI characteristics.
Updated Section 6.3.32: Camera interface (DCMIPP) characteristics.
Updated Section 6.3.33: Parallel interface (PSSI) characteristics including
Table 99. PSSI transmit characteristics and Table 100. PSSI receive
characteristics.
Updated Section 6.3.36.1: I2C interface characteristics including Table 104. I2C
analog filter characteristics.
Updated Section 6.3.36.4: I2S interface characteristics including Table 108. I2S
characteristics.
Updated Section 6.3.36.5: SAI interface characteristics including Table 109. SAI
characteristics.
Updated Section 6.3.36.8: Ethernet (ETH) characteristics including
Table 113. Ethernet MAC timings for MDIO/SMA, Table 114. Ethernet MAC
timings for RMII, Table 115. Ethernet MAC timings for MII.
Updated Section 6.3.36.9: USART (SPI mode) interface characteristics including
Table 116. USART (SPI mode) characteristics.
Updated Section 6.3.37.2: DSI PHY Characteristics.
Updated Section 6.3.37.4: LVDS PHY Characteristics.
Updated Table 121. USB high-speed PHY characteristics.
Updated Table 122. COMBOPHY characteristics.
Updated Section 6.3.38: JTAG/SWD interface characteristics including
Table 125. JTAG dynamic characteristics and Table 126. SWD dynamic
characteristics.
Updated Section 7.6: Package thermal characteristics.
17-Oct-2024
3
Added TFBGA361 package:
•
Updated cover page.
•
Updated Table 1. STM32MP25xC/F features and peripheral counts.
•
Updated Table 3. STM32MP25xC/F differences per packages.
•
Added Figure 6. STM32MP25xC/F TFBGA361 pinout.
•
Updated Table 11. STM32MP25xC/F ball definitions.
•
Added Section 7.2: TFBGA361 package information (B0N8).
•
Updated Section 7.6: Package thermal characteristics.
•
Updated Section 8: Ordering information.
General updates:
•
Updated Section 6.3.1: General operating conditions.
•
Updated Section 6.3.2: Operating conditions at power-up / power-down.
•
Updated Table 39. High-speed external (HSE) user clock characteristics
(analog bypass).
•
Updated Section 6.3.7.3: High-speed external clock generated from a
crystal/ceramic resonator.
•
Updated Table 46. HSI oscillator characteristics.
•
Updated Table 58. ESD absolute maximum ratings.
•
Updated Table 61. I/O static characteristics
•
Updated Section 6.3.19.2: Synchronous waveforms and timings.
•
Updated Table 76. Synchronous non-multiplexed NOR/PSRAM read
timings.
•
Updated Figure 26. Synchronous non-multiplexed NOR/PSRAM read
timings.
•
Updated Table 77. Synchronous non-multiplexed PSRAM write timings.
•
Updated Figure 27. Synchronous non-multiplexed PSRAM write timings.
•
Updated Table 78. Synchronous multiplexed NOR/PSRAM read timings.
•
Updated Figure 28. Synchronous multiplexed NOR/PSRAM read timings.
•
Updated Table 79. Synchronous multiplexed PSRAM write timings.
•
Updated Figure 29. Synchronous multiplexed PSRAM write timings.
•
Updated Table 89. VREFBUF characteristics.
•
Updated Table 98. DCMIPP characteristics.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
DS14284 - Rev 3
page 229/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com