Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3150 Datasheet(PDF) 26 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 22Page - Texas Instruments TNETX3150 Datasheet HTML 23Page - Texas Instruments TNETX3150 Datasheet HTML 24Page - Texas Instruments TNETX3150 Datasheet HTML 25Page - Texas Instruments TNETX3150 Datasheet HTML 26Page - Texas Instruments TNETX3150 Datasheet HTML 27Page - Texas Instruments TNETX3150 Datasheet HTML 28Page - Texas Instruments TNETX3150 Datasheet HTML 29Page - Texas Instruments TNETX3150 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
manufacturing test register, MANtest at 0x23 (DIO)
This register is reserved for Texas Instruments (TI
™) manufacturing test. It is written to 0x0 for normal operation.
All reset mechanisms leave 0x0 in this register, and it is not loaded from the EEPROM. It is written to only when
the START bit is 0.
It contains mechanisms, for example, that increment all the counters at the same time (or run the aging algorithm
quicker than usual to decrease the time required to test the part at manufacture). Setting any of these bits results
in abnormal operation. To allow improvement to the testing, these functions are subject to change.
SRAM data register, RAMdata at 0x24–0x25 (DIO)
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RAMdata after reset
Data at SRAM (0x000000)
The RAMdata register is used to access the SRAM address held in the RAM ADD field of the RAMaddr register.
This field is 16-bits wide.
D Writes to the RAM are executed when the MS byte of the RAMdata register is written to by the host. When
depositing values for transfer to SRAM, write the least-significant byte first.
D Reads are accomplished by reading the data from either byte in the RAMdata register.
D The SRAM address to be accessed should be placed in the RAMaddr register. If the INC bit in the RAMaddr
register is a 1, the address to be accessed is increased when the most-significant byte of RAMdata is
accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com