Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3150 Datasheet(PDF) 18 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 14Page - Texas Instruments TNETX3150 Datasheet HTML 15Page - Texas Instruments TNETX3150 Datasheet HTML 16Page - Texas Instruments TNETX3150 Datasheet HTML 17Page - Texas Instruments TNETX3150 Datasheet HTML 18Page - Texas Instruments TNETX3150 Datasheet HTML 19Page - Texas Instruments TNETX3150 Datasheet HTML 20Page - Texas Instruments TNETX3150 Datasheet HTML 21Page - Texas Instruments TNETX3150 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
18
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
age-deletion time-select register, agingtimer at 0x02–0x03 (DIO)
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Agingtimer
Initial values after reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
The agingtimer register is 16 bits wide and is used to control the aging process. There are two aging modes,
and the modes are selected according to the value of this register:
D When agingtimer is 0 or 0xFFFF, the TNETX15AE performs table-full aging. The TNETX15AE ages out the
oldest address when the lookup table becomes full.
D When agingtimer is not 0 or 0xFFFF, the TNETX15AE performs threshold aging. The value in the agingtimer
is the time threshold in seconds. All addresses that are older than this time are aged out.
Aging does not delete addresses that have been secured, and multicast addresses also are not aged. Aging
is disabled when the NAUTO bit in the control register is set. It is management’s responsibility in NAUTO mode
to manage the lookup table.
All bits in this register are read/writeable and default to 0x0 during reset. This field also is automatically loaded
from the EEPROM when the RESET terminal is asserted low or when LOAD in the control register is set to 1.
unknown unicast port-routing register, unkuniports at 0x04–0x05 (DIO)
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
Unkuniports
Initial values after reset
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
The unkuniports register is used to route unicast frames whose destination address is not found within the
lookup table. Normally these frames are flooded to all ports except to the port that originated the frame. The
TNETX15AE uses the unkuniports register to route these frames to only selected ports. When the TNETX15AE
uses the unkuniports register for unicast flooding, it increments the unkunictr counter. The TNETX15AE masks
out the originating port when using this register. This prevents the attached switch device from forwarding the
frame to its originating port.
The bit numbers in this register have a one-to-one correspondence with the attached switch-device port number.
This register is readable/writeable and is auto-loaded from the EEPROM when the RESET terminal is asserted
low or when LOAD in the control register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com