Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3150 Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 10Page - Texas Instruments TNETX3150 Datasheet HTML 11Page - Texas Instruments TNETX3150 Datasheet HTML 12Page - Texas Instruments TNETX3150 Datasheet HTML 13Page - Texas Instruments TNETX3150 Datasheet HTML 14Page - Texas Instruments TNETX3150 Datasheet HTML 15Page - Texas Instruments TNETX3150 Datasheet HTML 16Page - Texas Instruments TNETX3150 Datasheet HTML 17Page - Texas Instruments TNETX3150 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
default register values at reset
The reset values for the default registers are shown in Table 3.
Table 3. Default Registers Reset Values
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO
ADDRESS
0x0000
0x80
0x10
0x00
0x7FFF
0x7FFF
0x04
0x00
MDIO*(0x10) + EDIO*(0x01)
0x0000
0x08
0x00
0x00
0x00
0x00
0x0C
0x0000
0x00
0x00
0x10
0x0000
0x0000
0x14
0x0000
0x0000
0x18
0x0000
0x0000
0x1C
0x00
0x000000
0x20
0x0000
SRAM data at address 0
0x24
0x0000
0x0000
0x28
0x0000
0x00
0x00
0x2C
0x00
0x00
0x00
0x00
0x30
0x0000
0x00
0x00
0x34
0x00
0x00
0x00
0x00
0x38
0x0000
0x00
0x00
0x3C
0x00
0x00
0x00
0x00
0x40
0x00
0x00
0x00
0x00
0x44
0x00
0x00
0x00
0x00
0x48
0x00
0x00
0x00
0x00
0x4C
0x7FFD
0x7FFE
0x50
0x7FF7
0x7FFB
0x54
0x7FDF
0x7FEF
0x58
0x7F7F
0x7FBF
0x5C
0x7DFF
0x7EFF
0x60
0x77FF
0x7BFF
0x64
0x5FFF
0x6FFF
0x68
0x00
0x00
0x3FFF
0x6C
EEPROM auto-configuration from an external x24C02 EEPROM
The flash EEPROM interface is provided so the system-level manufacturers can provide an optional
preconfigured system to their customers. Customers can change or reconfigure their system and retain their
preferences between system power downs.
The flash EEPROM contains configuration and initialization information, which is accessed infrequently
(typically at power up and reset).
The TNETX15AE uses the 24C02 serial EEPROM device (2048 bits organized as 256
× 8). This device uses
a two-wire serial interface for communications.
EEPROM programming can be done while in the system through the TNETX15AE EDIO port using suitable
driver software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com