Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3150 Datasheet(PDF) 37 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 33Page - Texas Instruments TNETX3150 Datasheet HTML 34Page - Texas Instruments TNETX3150 Datasheet HTML 35Page - Texas Instruments TNETX3150 Datasheet HTML 36Page - Texas Instruments TNETX3150 Datasheet HTML 37Page - Texas Instruments TNETX3150 Datasheet HTML 38Page - Texas Instruments TNETX3150 Datasheet HTML 39Page - Texas Instruments TNETX3150 Datasheet HTML 40Page - Texas Instruments TNETX3150 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
decoding the destination address (DA) and source address (SA) from the DRAM bus (continued)
The node addresses are transmitted on the DRAM bus in the Ethernet native data format. This is the same
format in which the address appears in the frame. Ethernet first transmits the least-significant bit of a data byte
on the wire. This makes the specific/group bit appear in bit 40 (least-significant bit of most-significant byte). For
example, a destination address of 0x12.34.56.78.9A. BC and a source address of 0xDE.F1.23.45.67.89 is seen
on the DD terminals as follows:
CYCLE
BIT
CYCLE
31
25
24
16
15
8
7
0
1
0x78
0x56
0x34
0x12
2
0xF1
0xDE
0xBC
0x9A
3
0x89
0x67
0x45
0x23
CRC checking and valid frames
The TNETX15AE determines the status of the frame when the EOB, followed by an EOF, is detected. CRC
checking is determined from the frame-status field. The code for a good CRC is frame status = 000b. All other
frame-status codings indicate that the TNETX3150/TNETX3150A/TNETX3100 aborts the frame due to either
a CRC error, a FIFO overflow, or a network error. The frame status is checked only when the option of adding
addresses to TNETX15AE tables on a good CRC is indicated rather than immediately adding a new address.
If a good CRC is required to add an address, the ADD state machine simply waits from source address time
to CRC time. It can be interrupted by a lookup for another port, but no ADD/DEL or other lower-priority activity
on any other port can take place. This might cause TNETX15AE to miss adding addresses when expected.
operating logic arbitration
The lookup table is contained in the external SRAM. All of the TNETX15AE logic operations share access to
this SRAM. An arbitration scheme is implemented to give all logic operations access to the SRAM while meeting
the lookup timing requirements.
The TNETX15AE contains seven logic operations that require the use of the SRAM bus. They are the RAM
initialization logic operation (INIT), the lookup logic operation (LKUP), the delete logic operation (DEL), the add
logic operation (ADD), the management address-lookup logic operation (FIND), the RAM registers RAMaddr
and RAMdata (REG), and the aging logic operation (AGE).
The arbiter assigns a priority to each logic operation. The highest priority is assigned to the INIT logic operation
to initialize the TNETX15AE after a reset. After initialization, LKUP becomes the logic operation with the highest
priority because it is the logic operation that is the most time critical. The next priority level is shared by ADD
and DEL. Register-based accesses (REG) are followed by the FIND logic operation. AGE becomes the lowest
priority. Figure 4 shows the priorities of the TNETX15AE logic operations.
The arbiter grants the bus to the logic operation with the highest priority that is currently requesting the bus. Each
logic operation requests the bus by asserting its request signal. The arbiter assigns the bus to that logic
operation by asserting its grant signal. If no logic operation is requesting the bus, the arbiter grants the bus to
AGE for background aging operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com