Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3150 Datasheet(PDF) 48 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 44Page - Texas Instruments TNETX3150 Datasheet HTML 45Page - Texas Instruments TNETX3150 Datasheet HTML 46Page - Texas Instruments TNETX3150 Datasheet HTML 47Page - Texas Instruments TNETX3150 Datasheet HTML 48Page - Texas Instruments TNETX3150 Datasheet HTML 49Page - Texas Instruments TNETX3150 Datasheet HTML 50Page - Texas Instruments TNETX3150 Datasheet HTML 51Page - Texas Instruments TNETX3150 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
host (access) register space (continued)
The next two bytes, DIO data and DIO data auto-increment, are used to read and write data to the byte-wide
internal register selected in the DIOADR. Both DIO data and DIO data auto-increment can be used effectively
to read and write the data, but the DIO data auto-increment register provides additional functionality over DIO
data. Access to the DIO data auto-increment register provides a post-increment (by one) to the DIO address
register. This is useful for reading/writing to a block of registers.
As an example, to access a single-byte-wide register such as the SIO register (DIO address = 0x0A) the
operations needed are:
D Write a 0x00 to DIO address high
D Write a 0x0A to DIO address low to select DIO address 0x0A
D Read the SIO register by reading DIO data, or write to the SIO register by writing to DIO data.
Multiple-byte registers are accessed by reading/writing to their individual bytes. The control register (DIO
address 0x08–0x09) is accessed in the following manner:
D Write a 0x00 to DIO address high
D Write a 0x08 to DIO address low to select DIO address 0x08
D Read the least-significant byte of the control register by reading DIO data, or write to the least-significant
byte of the control register by writing to DIO data.
D Write a 0x00 to DIO address high
D Write a 0x09 to DIO address low to select DIO address 0x09
D Read the most-significant byte of the control register by reading DIO data, or write to the most-significant
byte of the control register by writing to DIO data.
Improvement on the preceding steps is obtained by writing a 0x00 to DIO address high and changing only DIO
address low. More steps can be eliminated by using the DIO data auto-increment register to read or write to
contiguous register bytes. The following shows how to use the auto-incrementing function to access the control
register.
D Write a 0x00 to DIO address high
D Write a 0x08 to DIO address low to select DIO address 0x08
D Read the least-significant byte of the control register by reading DIO data auto-increment or write to the
least-significant byte of the control register by writing to DIO data auto-increment. The address in DIO
address auto-increments to 0x0009.
D Read the most-significant byte of the control register by reading DIO data auto-increment, or write to the
most-significant byte of the control register by writing to DIO data auto-increment.
The auto-incrementing function is useful when reading or writing to a large number of adjacent registers, such
as the 48-bit address registers or when reading the statistics block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com