Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3150 Datasheet(PDF) 53 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 49Page - Texas Instruments TNETX3150 Datasheet HTML 50Page - Texas Instruments TNETX3150 Datasheet HTML 51Page - Texas Instruments TNETX3150 Datasheet HTML 52Page - Texas Instruments TNETX3150 Datasheet HTML 53Page - Texas Instruments TNETX3150 Datasheet HTML 54Page - Texas Instruments TNETX3150 Datasheet HTML 55Page - Texas Instruments TNETX3150 Datasheet HTML 56Page - Texas Instruments TNETX3150 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
TNETX15AE operational modes
The TNETX15AE operational modes are selected through the control register. They are used to control decision
points in the logic operations. The modes available through the control register are NAUTO, NCRC, and NLRN0.
All three of these modes can be changed after the START bit is set high.
NAUTO mode
The not automatically add-address (NAUTO) mode is implemented to give the management CPU complete
control of the lookup table. It does so by disabling the two automatic processes that can affect the lookup table,
wire additions, and aging.
NAUTO to 1 disables adding addresses to the TNETX15VE tables learned from packets passing through the
TNETX3150/TNETX3150A. All addresses in the TNETX15VE must be added through the DIO interface (see
ADD in internal register section). No interrupt is generated on addresses added through the DIO interface.
NEW interrupts in this mode signal that the address-checking state machine has seen an address on the wire
that is not in the table.
NAUTO also affects the AGE logic operation by disabling it. AGE does not delete nodes from the table even
if the table is full. It is the management’s responsibility in this mode to maintain the addresses in the lookup table.
Table-full conditions are determined through a FULL interrupt, or when a host-initiated ADD stalls.
NCRC mode
The no-CRC (NCRC) check mode enables the TNETX15AE to add addresses learned from packets before the
CRC is checked. It is a performance-boosting feature for the ADD state machine that allows it to perform more
ADD logic operations in the same amount of time. This allows the TNETX15AE to add more efficiently and keep
the aging time stamp current on nodes that do not talk frequently on the network, avoiding unnecessary aging.
The tradeoff in this mode is the possibility that corrupt addresses could be added to the lookup table. This
condition should not become critical unless aging is turned off.
NRLN0 mode
When NRLN0 is set to 1, no new source address from a packet entering the switch on port 0 is added to the
table. This feature, combined with unkuniport and unkmultiport registers, allows the TNETX15AE to be at the
edge of a large network and only learn direct-attached station addresses, not the whole network above the
uplinked port.
aging modes (agingtimer register)
The TNETX15AE implements an autonomous aging logic operation. There are two modes of aging and these
modes are controlled through the agingtimer register. The two modes are time-threshold aging and
table-full aging.
Time-threshold aging is set by writing a value between 0x0001 and 0xFFFE to this register. In this mode, the
register value gives the time in seconds that is used by the AGE logic operation to delete addresses. This
provides an aging range of 1 second to 18 hours. Addresses older than this are deleted.
Table-full aging is set by writing 0x0000 or 0xFFFF to the register. In this mode, the AGE logic operation ages
out addresses only when the table is full and the ADD logic operation needs to add an address. AGE deletes
the oldest address in the table. To identify the oldest address, the time stamp stored in each address descriptor
is incremented with each address added instead of each second of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com