Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3150 Datasheet(PDF) 36 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 32Page - Texas Instruments TNETX3150 Datasheet HTML 33Page - Texas Instruments TNETX3150 Datasheet HTML 34Page - Texas Instruments TNETX3150 Datasheet HTML 35Page - Texas Instruments TNETX3150 Datasheet HTML 36Page - Texas Instruments TNETX3150 Datasheet HTML 37Page - Texas Instruments TNETX3150 Datasheet HTML 38Page - Texas Instruments TNETX3150 Datasheet HTML 39Page - Texas Instruments TNETX3150 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
TNETX15AE DRAM and EAM interface (continued)
The TNETX15AE must determine that the data being written to memory is the first buffer of a data frame and
not an IOB index buffer. The buffer contains packet data if the IOB bit is 0. The channel/source port code is
latched
from
bits
DD27–DD24
during
the
forward
pointer
(FPTR)
transfer
when
TNETX3150/TNETX3150A/TNETX3100 is writing packet data to DRAM.
The TNETX15AE must determine the start of frame by looking at the flag in cycle 1. The flag is given in the
DD35–DD32 terminals. The SOF is shown in the following table in cycle 1 at bit (35–34) = 01b.
CYCLE
BIT
CYCLE
35
34
33
32
31
28
27
24
23
16
15
0
0
IOB
Parity†
Tag†
Channel code
Forward pointer†
1
0
1
Reserved
Most-significant 32 bits of DA
2
Channel code†
Most-significant 16 bits SA
Least-significant 16 bits DA
3
0
0
Reserved
Least-significant 32 bits of SA
•
•
•
Flags†
Data†
N–1
EOB
Valid bytes†
Data†
N
EOF
Frame status†
CRC
† These bits are ignored by the TNETX15AE.
The TNETX15AE destination lookup cycle begins when it latches the partial destination address to begin the
table lookup in cycle 1, and ends when it outputs an EAM code within the allocated 440 ns after the SOF
condition is met. It must pick up the 16 bits at the destination in cycle 2 to complete the decode.
The channel-code field in the body of the frame is exactly the same as that in the forward pointer. The
TNETX15AE uses the channel code from the forward pointer.
decoding the destination address (DA) and source address (SA) from the DRAM bus
The TNETX3150/TNETX3150A/TNETX3100 writes data to the DRAM buffers in a specific format (refer to the
TNETX3150/TNETX3150A/TNETX3100 data sheet for additional information on this format). The TNETX15AE
recognizes this format to determine the correct destination and source addresses. The format for the DA and
the SA is shown in the following:
CYCLE
BIT
CYCLE
31
25
24
16
15
8
7
0
1
DA23–DA16
DA31–DA24
DA39–32
DA47–DA40
2
SA39–SA32
SA47–SA40
DA7–DA0
DA15–DA8
3
SA7–SA0
SA15–SA8
SA23–SA16
SA31–SA24
The TNETX15AE will latch and save the source address, cycles 2 and 3, if it is not already saving one. A
source-address lookup will take place when there is no activity (TNETX3150/TNETX3150A/TNETX3100 to
DRAM), when the transfer to memory is not the first 64 bytes of a packet, or when the transfer is from memory
to an output FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com