| Electronic Components Datasheet Search |
|
TNETX3150 Datasheet(PDF) 75 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150 Datasheet(HTML) 75 Page - Texas Instruments |
|
75 / 78 page ![]() TNETX15AE ADDRESS-LOOKUP DEVICE SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997 75 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION TNETX15AE/TNETX3150/TNETX3150A stand-alone applications unmanaged switch The simplest application for the TNETX15AE device is shown in Figure 28. This is an unmanaged multiport switch. The TNETX15AE is responsible for matching addresses, learning addresses, and for eliminating (aging out) old addresses. The TNETX15AE also provides options to the manufacturer through its EEPROM. The manufacturer could program this EEPROM through a parallel-port interface to the TNETX15AE. Options that can be set are SRAM size, the aging time, and where unknown unicast and multicast frames go. This is the lowest-cost solution for an unmanaged multinode-per-port switch. This is the architecture of the TI evaluation module (EVM). PHY PHY PHY TNETX3150/ TNETX3150A EEPROM OSC TNETX15AE Parallel Port SRAM DIO Multiports EEPROM Figure 28. Lowest Cost Unmanaged Multiport Switch managed switch The microprocessor (CPU) interfaces to the TNETX3150/TNETX3150A/TNETX3100 through a common DIO interface. The microprocessor also can manage any PHY through an IEEE Std 802.3u MII interface using the SIO register in the TNETX15AE. The microprocessor’s tasks are minimized mainly because the CPU does not have to participate in frame matching. The microprocessor is used to set TNETX15AE/TNETX3150/TNETX3150A modes, secure addresses so that the node does not move ports (useful for routers, attached switches, and servers), and respond to control MIB requests. The TNETX15AE is designed for easy management of the lookup table. Address-table lookups, adds, edits, and deletes are performed easily through the TNETX15AE registers. Interrupt support in the TNETX15AE also simplifies the management tasks. The TNETX15AE can give an interrupt to the CPU when the lookup table changes due to a wire event. This minimizes code, as the CPU does not have to actively poll a large address table for changes. In-band signaling (see Figure 29) must be done with a MAC device connected to one of the switch ports. There is no access to the data stream via the DIO port on the TNETX3150/TNETX3150A/TNETX3100 or the TNETX15AE. Both devices affect the ability of a port to receive or forward packets; the packet itself is received and transmitted via a regular switch port. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |