| Electronic Components Datasheet Search |
|
TNETX3150 Datasheet(PDF) 61 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150 Datasheet(HTML) 61 Page - Texas Instruments |
|
61 / 78 page ![]() TNETX15AE ADDRESS-LOOKUP DEVICE SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997 61 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION masking interrupts The TNETX15AE can mask interrupts. This is accomplished by an interrupt masking register (intmask). The int and intmask registers have a one-to-one correspondence. The only way EINT is asserted is if both the corresponding bits in the int and intmask are in a 1 state. The logic for the interrupt masking is shown in Figure 17. Int Register Intmask Register Interrupt Mask Register Interrupt Register AND AND OR EINT Figure 17. Interrupt Masking Logic test interrupts (INT) Test interrupts are generated by asserting the INT bit in the int register. The INT bit in the intmask register also must be set to a 1 state for the interrupt to take effect. The INT bit is used to give the programmer an easy way to test interrupt detection. This bit is the only bit in the int register that is writeable. ADD interrupts (NEW, NEWM, CHNG, CHNGM, SECVIO, SECVIOM, and FULL) The ADD interrupts generate collateral information in the following registers: BYTE 3 BYTE 2 BYTE 1 BYTE 0 DIO ADDRESS Newnode23–Newnode16 Newnode31–Newnode24 Newnode39–Newnode32 Newnode47–Newnode40 0x30 Newport Newnode7–Newnode0 Newnode15–Newnode8 0x34 ADD interrupts are sourced by the ADD logic operation based on information from the wire. ADD indicates a new address by a NEW interrupt, an address is on a new port by a CHNG interrupt, and a security violation by a SECVIO interrupt. The FULL interrupt indicates that ADD needed to start AGE (to free up table space) if NAUTO is 0, or the host needs to delete some addresses if NAUTO = 1. The FULL interrupt indicated that table resources are exhausted to the point where (wire or DIO) ADD cannot take place. If NAUTO = 0, AGE will delete oldest entries when another ADD is requested. IF NAUTO = 1, the host must do some deletes before the next DIO ADD can complete. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |