| Electronic Components Datasheet Search |
|
TNETX3150 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 78 page ![]() TNETX15AE ADDRESS-LOOKUP DEVICE SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions EAM interface TERMINAL I/O DESCRIPTION NAME NO. I/O DESCRIPTION † External address match single-/multiple-port routing code select. When EAM15 is high, the EAM-interface terminals contain a single-port routing code. When EAM15 is low, the EAM-interface terminals contain a multiple-port routing code. External address match port routing code select. When EAM15 is high, the EAM14–EAM0 terminals are placed in the single-port mode. In this mode EAM14–EAM0 terminals encode a single port to which the frame is routed. EAM14–EAM5 are don’t-care bits and are set to 0. The single-port codes (EAM15–EAM0 terminals) are shown in the following: EAM15† EAM14 EAM13 EAM12 EAM11 EAM10 EAM09 EAM08 106 105 104 103 102 101 99 98 O TNETX3150/TNETX3100 EAM15–EAM0 Port 00 (uplink) Port 01 Port 02 Port 03 Port 04 Port 05 Port 06 Port 07 Port 08 Port 09 Port 10 Port 11 Port 12 Port 13 Port 14 Reserved No-operation code 15 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 14 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 x 13 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 x 12 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 x 11 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 x 10 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 x 9 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 x 8 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 x 7 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 x 6 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 x 5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 x 4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 x 2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 x 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 x 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 x b b b b b b b b b b b b b b b b b EAM07 EAM06 EAM05 EAM04 EAM03 EAM02 EAM01 EAM00‡ 97 96 95 94 93 91 90 89 O The no-operation code signals that the EAM device does not take part in forwarding decisions on this packet. The TNETX15AE does not put out this code in normal operations. To successfully disable the TNETX15AE, it is reset and not started. This causes the EAM interface to float, and external pullup resistors on EAM15 and EAM04 (minimally) to supply the no-operation code to the TNETX3150/TNETX3150A/TNETX3100 device. Erratic operation occurs if the TNETX3150/TNETX3150A/TNETX3100 address matching is not enabled when the TNETX15AE is disabled. The TNETX15AE, when enabled, overrides the operations of the TNETX3150/TNETX3150A/TNETX3100 matching circuitry; but, it is strongly advised to disable the TNETX3150/TNETX3150A/TNETX3100 address matching if the TNETX15AE is active. This prevents two logic blocks from attempting to control port suspension and other functions. When EAM15 is low, the EAM14–EAM0 terminals encode the multiple ports to which the data frame is routed. Each bit on the EAM14–EAM0 bus is coded as follows: – 1 on the bit signifies that the data frame is routed to that port. – 0 on the bit signifies that the data frame is not routed to that port. Terminal number assignments have a one-to-one correspondence to the port numbers as shown in the following: 01 02 03 04 05 07 08 09 10 11 12 13 14 06 00 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 EAM Bus Bit Port Number For example, to multicast a frame to ports 08, 05, 02, and 00 a multiport code of 0000 0001 0010 0101 or 0x0125 is sent. All multicast packets and unknown unicast packets are forwarded by multiport code (EAM15 = 0) even if only one bit is set. To discard a frame, a code of 0x0000 is output (multiple routing code with no ports selected): EAM14–EAM0 TNETX3150/TNETX3100 0 Discard frame 0 0 0 0 0 0 0 0 0 0 0 0 0 0 † Most-significant bit ‡ Least-significant bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |