Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DP Datasheet(PDF) 88 Page - Future Technology Devices International Ltd.

Part # USB1DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DP Datasheet(HTML) 88 Page - Future Technology Devices International Ltd.

Back Button USB1DP Datasheet HTML 80Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 81Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 82Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 83Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 84Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 85Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 86Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 87Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 88Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 88 / 88 page
background image
88
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
Appendix C – Revision History
Document Title:
Vinculum-II Embedded Dual USB Host Controller IC Datasheet
Document Reference No.:
FT_000138
Clearance No.:
FTDI# 143
Document Folder:
Vinculum-II
Document Feedback:
Send Feedback
Revision
Changes
Date
Prelim
Data sheet released as “Preliminary – Subject to change” before
product launch
2010-02-01
1.0
Initial Release
2010-02-26
1.1
Changed gpio signal names, fixed minor typographical errors, added
crystal characteristic information, added ESD table
2010-09-09
1.2
Revised part numbers to “Rev B” in section 1.2, added notes to
sections 3.12 and 5 – default pin assignments
2010-10-07
1.3
Added USB transfer/transaction combinations
2011-04-19
1.31
Table 37 (now 9.6) modified
2011-05-16
1.32
Table 33 (now 9.2) modified
2011-05-17
1.4
Renumbered and reformatted figures and tables, Added life/safety
notice, Added comments regarding 48LQFP package in table 3.2,
Replaced Figure 5.5 with new screen shot, Updated list of pre -
compiled firmware in section 8.4, Replaced schematic and added
notes in Section 10, Updated header, Updated revision history and
contact information pages
2011-10-17
1.5
Added notes (5V safe inputs) in section 3.11, 3.12 and first page.
Added links to pre-compiled rom files.
2012-03-14
1.6
XTIN is referenced to 1.8V VCC PLL IN
- Tables 3.3 and 9.1
Pin 8 updated from TEST to NC for rev C
2016-07-07
1.7
Removed revision code in table1.1
2016-07-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com