Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DP Datasheet(PDF) 38 Page - Future Technology Devices International Ltd.

Part # USB1DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DP Datasheet(HTML) 38 Page - Future Technology Devices International Ltd.

Back Button USB1DP Datasheet HTML 34Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 35Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 36Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 37Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 38Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 39Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 40Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 41Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 42Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
38
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
64 Pin
Package
Available
pins
48 Pin
Package
Available
pins
32 Pin
Package
Available
pins
Name
Type
Description
14, 18,
23, 27,
32, 42,
46, 50,
56, 60,
64
14, 19,
23, 34,
38, 44,
48
15, 26,
32
uart_ri#
Input
Ring indicator is used to wake VNC2
depending on firmware
11, 15,
19, 24,
28, 39,
43, 47,
51, 57,
61
11, 15,
20, 31,
35, 41,
45
11, 23
29
uart_tx_active
Output
Enable transmit data for RS485 designs.
This signal may be used to signal that a
transmit operation is in progress. The
uart_tx_active signal will be set high one
bit-time before data is transmitted and
return low one bit time after the last bit
of a data frame has been transmitted.
Table 6.1 Data and Control Bus Signal Mode Options – UART Interface
The UART signals can be programmed to a choice of I/O pins depending on the package size. Table 6.1
details the available pins for each of the UART signals. Further details on the configuration of input and
output signals are available in Section 5 - I/O Multiplexer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com