Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DP Datasheet(PDF) 30 Page - Future Technology Devices International Ltd.

Part # USB1DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DP Datasheet(HTML) 30 Page - Future Technology Devices International Ltd.

Back Button USB1DP Datasheet HTML 26Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 27Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 28Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 29Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 30Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 31Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 32Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 33Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 34Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
30
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
5.2 I/O Multiplexer Configuration
The VNC2 I/O Multiplexer allows signals to be routed to different pins on the device. To simplify the
routing of signals, the VNC2 RTOS provides an utility (IOMux) to configure the I/O Multiplexer as the
designer requires.
The IOMux is fully integrated into the VNC2 IDE (Integrated development
Environment) which is available to download: Vinculum-II Toolchain. A screenshot of the IOMux utility is
shown in figure 5.5 below.
The IOMux utility user guide is available to download: VINCULUM-II IO_Mux Configuration Utility User
Guide
The following tables provide a lookup guide to determine what signals are available and the list of pins
that can be used:
Table 5.2 Group 0
Table 5.3 Group 1
Table 5.4 Group 2
Table 5.5 Group 3
Each VNC2 has a default state of IOBUS signals following a hard reset. The number of I/O pins available
is determined by the package size:
Package 32pin (LQFP & QFN)- Twelve I/O pins – IOBUS0 to IOBUS11
Package 48pin (LQFP & QFN)- Twenty eight I/O pins – IOBUS0 to IOBUS27
Package 64pin (LQFP & QFN)- Forty-four I/O pins – IOBUS0 to IOBUS43
Section 3.12 shows the default signal settings for all three package sizes.
Figure 5.5 VNC2 Toolchain App Wizard showing IOMux Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com