Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DP Datasheet(PDF) 42 Page - Future Technology Devices International Ltd.

Part # USB1DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DP Datasheet(HTML) 42 Page - Future Technology Devices International Ltd.

Back Button USB1DP Datasheet HTML 38Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 39Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 40Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 41Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 42Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 43Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 44Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 45Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 46Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
42
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
6.3.1 SPI Slave Signal Descriptions
64 Pin
Package
Available
pins
48 Pin
Package
Available
pins
32 Pin
Package
Available
pins
Name
Type
Description
11, 15,
19, 24,
28, 39,
43, 47,
51, 57,
61
11, 15,
20, 31,
35, 41,
45
11, 23
29
spi_s0_clk
spi_s1_clk
Input
Slave clock input
12, 16,
20, 25,
29, 40,
44, 48,
52, 58,
62
12,16,
21, 32,
36, 42,
46
12, 24,
30
spi_s0_mosi
spi_s1_mosi
Input
Mater Out Slave In
Synchronous data from master to slave
13, 17,
22, 26,
31, 41,
45, 49,
55, 59,
63
13, 18,
22, 33,
37, 43,
47
14, 25,
31
spi_s0_miso
spi_s1_miso
Output
Master In Slave Out
Synchronous data from slave to master
14, 18,
23, 27,
32, 42,
46, 50,
56, 60,
64
14, 19,
23, 34,
38, 44,
48
15, 26,
32
spi_s0_ss#
spi_s1_ss#
Input
Slave chip select
Table 6.5 Data and Control Bus Signal Mode Options - SPI Slave Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com