Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DP Datasheet(PDF) 17 Page - Future Technology Devices International Ltd.

Part # USB1DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DP Datasheet(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button USB1DP Datasheet HTML 13Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 14Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 15Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 16Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 17Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 18Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 19Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 20Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 21Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
17
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
3.11 Miscellaneous Signals
Pin No
Name
Type
Description
64 pin
48 pin
32 pin
4
4
4
XTIN
Input
Input to 12MHz Oscillator Cell. Connect 12MHz crystal
across pins 4 and 5. If driven by an external source,
reference to 1.8V VCC PLL IN.
5
5
5
XTOUT
Output
Output from 12MHz Oscillator Cell. Connect 12MHz crystal
across pins 4 and 5. No connect if XTIN is driven by an
external source.
8
8
8
NC
NC
No Connect (rev C) – (was TEST Rev A, B)
9
9
10
RESET#
Input
Can be used by an external device to reset VNC2.
10
10
9
PROG#
Input
Asserting PROG# on its own enables programming mode.
Table 3.3 Miscellaneous Signal Group
Note 1: # is used to indicate an active low signal.
Note 2: Pin 9 and 10 are 5V safe inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com