Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DP Datasheet(PDF) 37 Page - Future Technology Devices International Ltd.

Part # USB1DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DP Datasheet(HTML) 37 Page - Future Technology Devices International Ltd.

Back Button USB1DP Datasheet HTML 33Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 34Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 35Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 36Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 37Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 38Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 39Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 40Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 41Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
37
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
6.1.1 UART Mode Signal Descriptions
64 Pin
Package
Available
pins
48 Pin
Package
Available
pins
32 Pin
Package
Available
pins
Name
Type
Description
11, 15,
19, 24,
28, 39,
43, 47,
51, 57,
61
11, 15,
20, 31,
35, 41,
45
11, 23
29
uart_txd
Output
Transmit asynchronous data output
12, 16,
20, 25,
29, 40,
44, 48,
52, 58,
62
12,16,
21, 32,
36, 42,
46
12, 24,
30
uart_rxd
Input
Receive asynchronous data input
13, 17,
22, 26,
31, 41,
45, 49,
55, 59,
63
13, 18,
22, 33,
37, 43,
47
14, 25,
31
uart_rts#
Output
Request to send control output
14, 18,
23, 27,
32, 42,
46, 50,
56, 60,
64
14, 19,
23, 34,
38, 44,
48
15, 26,
32
uart_cts#
Input
Clear to send control input
11, 15,
19, 24,
28, 39,
43, 47,
51, 57,
61
11, 15,
20, 31,
35, 41,
45
11, 23
29
uart_dtr#
Output
Data acknowledge (data terminal ready
control) output
13, 17,
22, 26,
31, 41,
45, 49,
55, 59,
63
13, 18,
22, 33,
37, 43,
47
14, 25,
31
uart_dcd#
Input
Data carrier detect control input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com