Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DP Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # USB1DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DP Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button USB1DP Datasheet HTML 6Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 7Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 8Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 9Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 10Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 11Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 12Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 13Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
10
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
3.4 Pin Out - 48 pin QFN
FTDI
XXXXXXXXXX
VNC2-48Q1A
YYWW
IOBUS2
IOBUS3
IOBUS4
IOBUS5
VCCIO 3.3 V
IOBUS6
IOBUS7
IOBUS8
IOBUS9
IOBUS10
IOBUS11
GND IO
13
14
15
16
17
18
19
20
21
22
23
24
IOBUS19
IOBUS18
VCCIO 3.3V
GND
IOBUS21
IOBUS20
IOBUS23
IOBUS22
IOBUS25
IOBUS24
IOBUS27
IOBUS26
48
47
46
45
44
43
42
41
40
39
38
37
Figure 3.4 48 Pin QFN – Top Down View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com