Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DP Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # USB1DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DP Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button USB1DP Datasheet HTML 11Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 12Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 13Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 14Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 15Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 16Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 17Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 18Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 19Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
15
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
3.9 VNC2 Schematic symbol 64 Pin
V
C
C
I
O
V
C
C
I
O
V
C
C
I
O
34
33
8
USB1DP
USB1DM
RESET#
PROG#
VREG OUT
NC
USB2DP
USB2DM
4
5
XTIN
XTOUT
VNC2
64 Pin
7
10
9
37
36
54 38 21
2
3
N
G
N
D
G
N
D
G
D
G
N
D
53
35
30
6
11
12
13
14
IOBUS0
IOBUS1
IOBUS2
IOBUS3
15
16
17
18
IOBUS7
IOBUS6
IOBUS5
IOBUS4
19
20
22
23
IOBUS8
IOBUS9
IOBUS10
IOBUS11
24
25
26
27
IOBUS15
IOBUS14
IOBUS13
IOBUS12
28
29
31
32
IOBUS16
IOBUS17
IOBUS18
IOBUS19
39
40
41
42
IOBUS23
IOBUS22
IOBUS21
IOBUS20
43
44
45
46
IOBUS24
IOBUS25
IOBUS26
IOBUS27
47
48
49
50
IOBUS31
IOBUS30
IOBUS29
IOBUS28
51
52
55
56
IOBUS32
IOBUS33
IOBUS34
IOBUS35
64
63
62
61
IOBUS40
IOBUS41
IOBUS42
IOBUS43
60
59
58
57
IOBUS39
IOBUS38
IOBUS37
IOBUS36
L
P
L
G
N
D
1
V
R
E
G
I
N
V
C
C
P
L
L
I
N
Figure 3.9 Schematic Symbol 64 Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com