Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DP Datasheet(PDF) 49 Page - Future Technology Devices International Ltd.

Part # USB1DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DP Datasheet(HTML) 49 Page - Future Technology Devices International Ltd.

Back Button USB1DP Datasheet HTML 45Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 46Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 47Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 48Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 49Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 50Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 51Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 52Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 53Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
49
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
The command and status formats for this mode can be seen in Figure 6.15 below with a description of
each field in Table 6.7.
Command:
Data:
Status:
Figure 6.15 VNC1L Compatible SPI Command and Status Structure
Field
Description
Start
Driven to ‘1’.
R/W
If set to ‘1’, the SPI Master wishes to read from the slave. If set to ‘0’, the SPI Master wishes to
write to the slave.
Addr
If set to ‘1’, a read operation will return the status byte in the data phase. A write will have no
effect.
If set to ‘0’, a read or a write will operate on the data register.
D7:D0
Data.
Status
When ‘0’ this means a read or write was successful. When ‘1’ it means a re ad contains old data,
or a write did not work and needs retried.
Table 6.7 SPI Command and Status Fields
6.3.6.1 SPI Setup Bit Encoding
The VNC1L compatible SPI interface differs from most other implementations in that it uses a 12 clock
sequence to transfer a single byte of data. In addition to a ‘Start’ state, the SPI master must send two
setup bits which indicate data direction and target address. The encoding of the setup bits is shown in
Table 6.8. A single data byte is transmitted in each SPI transaction, with the most significant bit
transmitted first.
After each transaction VNC2 returns a single status bit. This indicates if a Data Write was successful or a
Data Read was valid.
Direction
(R/W)
Target
Address
Operation
Meaning
1
0
Data Read
Retrieve byte from Transmit Buffer
1
1
Status Read
Read SPI Interface Status
0
0
Data Write
Add byte to Receive Buffer
0
1
N/A
N/A
Table 6.8 SPI Setup Bit Encoding
Start
R/W
Addr
D7
D6
D5
D4
D3
D2
D1
D0
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com