Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DP Datasheet(PDF) 59 Page - Future Technology Devices International Ltd.

Part # USB1DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DP Datasheet(HTML) 59 Page - Future Technology Devices International Ltd.

Back Button USB1DP Datasheet HTML 55Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 56Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 57Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 58Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 59Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 60Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 61Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 62Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 63Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
59
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
64 Pin
Package
Available
pins
48 Pin
Package
Available
pins
32 Pin
Package
Available
pins
Name
Type
Description
12, 16,
20, 25,
29, 40,
44, 48,
52, 58,
62
12,16,
21, 32,
36, 42,
46
12, 24,
30
fifo_txe#
Output
When high, do not write data into the FIFO.
When low, data can be written into the FIFO
by strobing fifo_wr# high, then low.
13, 17,
22, 26,
31, 41,
45, 49,
55, 59,
63
13, 18,
22, 33,
37, 43,
47
14, 25,
31
fifo_rd#
Input
Enables the current FIFO data byte on
D0...D7 when low. Fetches the next FIFO
data byte (if available) from the receive
FIFO buffer when fifo_rd# goes from high to
low
14, 18,
23, 27,
32, 42,
46, 50,
56, 60,
64
14, 19,
23, 34,
38, 44,
48
15, 26,
32
fifo_wr#
Input
Writes the data byte on the D0...D7 pins
into the transmit FIFO buffer when fifo_wr#
goes from high to low.
Table 6.16 Data and Control Bus Signal Mode Options - Parallel FIFO Interface
6.6.2 Read / Write Transaction Asynchronous FIFO Mode
When in Asynchronous FIFO interface mode, the timing of read and write operations on the FIFO
interface are shown in Figure 6.22 and Table 6.17.
In asynchronous mode an external device can control data transfer driving FIFO_WR# and FIFO_RD#
inputs. In contrast to synchronous mode, in asynchronous mode the 245 FIFO module generates the
output enable EN# signal. EN# signal is effectively the read signal RD#.
Current byte is available to be read when FIFO_RD# goes low. When FIFO_RD# goes high, FIFO_RXF#
output will also go high. It will only become low again when there is another byte to read.
When FIFO_WR# goes low FIFO_TXE# flag will always go high. FIFO_TXE# goes low again only when
there is still space for data to be written in to the module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com