Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DP Datasheet(PDF) 68 Page - Future Technology Devices International Ltd.

Part # USB1DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DP Datasheet(HTML) 68 Page - Future Technology Devices International Ltd.

Back Button USB1DP Datasheet HTML 64Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 65Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 66Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 67Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 68Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 69Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 70Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 71Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 72Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
68
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
9 Device Characteristics and Ratings
9.1 Absolute Maximum Ratings
The absolute maximum ratings for VNC2 are shown in Table 9.1. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Storage Temperature
-65 to +150
°C
Floor Life (Out of Bag) At Factory Ambient
( 30°C / 60% Relative Humidity)
168
(IPC/JEDEC J-STD-033A
MSL Level 3 Compliant)*
Hours
Ambient Temperature (Power Applied)
-40 to +85
°C
Vcc Supply Voltage
0 to +3.63
V
VCC_IO
0 to +3.63
V
VCC_PLL_IN
0 to + 1.98
V
DC Input Voltage - USBDP and USBDM
-0.5 to +(Vcc +0.5)
V
DC Input Voltage - XTIN
-0.5 to +((1.8V VCC PLL IN) +0.5)
V
DC Input Voltage - High Impedance Bidirectional
-0.5 to +5.00
V
DC Input Voltage - All other Inputs
-0.5 to +(Vcc +0.5)
V
DC Output Current - Outputs
Default 4 **
mA
DC Output Current - Low Impedance Bidirectional
Default 4 **
mA
Table 9.1 Absolute Maximum Ratings
*
If devices are stored out of the packaging beyond this time limit the devices should be baked
before use. The devices should be ramped up to a temperature of 125°C and baked for up to 17
hours.
** The drive strength of the output stage may be configured for either 4mA, 8mA, 12mA or 16mA
depending on the register setting controlled within the firmware. The default is 4mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com