Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DP Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # USB1DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DP Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button USB1DP Datasheet HTML 35Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 36Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 37Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 38Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 39Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 40Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 41Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 42Page - Future Technology Devices International Ltd. USB1DP Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
39
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
6.2 Serial Peripheral Interface – SPI Modes
The Serial Peripheral Interface Bus is an industry standard communications interface. Devices
communicate in Master / Slave mode, with the Master initiating the data transfer.
VNC2 has one master module and two slave modules. Each SPI slave module has four signals – clock,
slave select, MOSI (master out – slave in) and MISO (master in – slave out). The SPI Master has the
same four signals as the slave modules but with one additional signal because it requires a slave select
for the second slave module. Table 6.2 lists how the signals are named in each module.
The SPI Master clock can operate up to one half of the CPU system clock depending on what power mode
the device is set to:
Normal power mode 48Mhz would set the SPI maximum clock to 24Mhz
Low power mode 24Mhz would set the SPI maximum clock to 12Mhz
Lowest power mode 12Mhz would set the SPI maximum clock to 6hMz
Module
Signal Name
Type
Description
SPI Slave
0
spi_s0_clk
Input
Clock input – slave 0
spi_s0_ss#
Input
Active low chip select input – slave 0
spi_s0_mosi
Input
Master out serial in – slave 0
spi_s0_miso
Output
Master in slave out – slave 0
SPI Slave
1
spi_s1_clk
Input
Clock input – slave 1
spi_s1_ss#
Input
Active low chip select input – slave 1
spi_s1_mosi
Input
Master out slave in – slave 1
spi_s1_miso
Output
Master in slave out – slave 1
SPI Master
spi_m_clk
Output
Clock output – master
spi_m_mosi
Output
Master out slave in - master
spi_m_miso
Input
Master in slave out - master
spi_m_ss_0#
Output
Active low slave select 0 from master to slave 0
spi_m_ss_1#
Output
Active low slave select 1 from master to slave 1
Table 6.2 SPI Signal Names
The SPI slave protocol by default does not support any form of handshaking . FTDI have added extra
modes to support handshaking, faster throughput of data and reduced pin count. There are 5 modes
(Table 15) of operation in the VNC2 SPI Slave.
Full Duplex – Section 0
Half Duplex, 4 pin - Section 6.3.3
Half Duplex, 3 pin - Section 6.3.4
Unmanaged - Section 6.3.5
VNC1L legacy mode – Section 6.3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com