Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT01 Datasheet(PDF) 62 Page - Omron Electronics LLC

Part # CS1W-RPT01
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT01 Datasheet(HTML) 62 Page - Omron Electronics LLC

Back Button CS1W-RPT01 Datasheet HTML 58Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 59Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 60Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 61Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 62Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 63Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 64Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 65Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 66Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
50
Programmable Controllers SYSMAC
CS1G/H
■ PID Control Units
■ High-speed Counter Units
■ Cam Positioner Unit
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
No. of
loops
Temperature
sensor input
Control
output
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
C200H
Special
I/O Unit
PID Control
Units
2 loops
Voltage input/
current input
(any of 4 to 20 mA,
1 to 5 V, 0 to 5 V,
or 0 to 10 V)
Open-
collector
NPN
outputs
(pulses)
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.33
---
C200H-PID01
U, C, CE
2 loops
Voltage input/
current input
(4 to 20 mA,
1 to 5 V, 0 to 5 V,
or 0 to 10 V)
Voltage
outputs
(pulses)
Yes
No
Yes
Yes
No
No
Yes
0.33
---
C200H-PID02
2 loops
Voltage input/
current input
(4 to 20 mA,
1 to 5 V, 0 to 5 V,
or 0 to 10 V)
Current
outputs
(linear)
Yes
No
Yes
Yes
No
No
Yes
0.33
---
C200H-PID03
Data
Setting
Console
Monitoring, setting, and changing present
values, set points, alarm values, PID
parameters, bank numbers, etc.
---
C200H-
DSC01
U, C
Connecting
Cables
Cable length: 2 m
---
C200H-CN225
N
Cable length: 4 m
---
C200H-CN425
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
Number
of
counters
Encoder A and
B input, pulse
input, Z signal
Maximum
counting
speed
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
C200H
Special
I/O Unit
High-speed
Counter Units
1
Voltage input:
5, 12, or 24 VDC
50 kHz
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.30
---
C200H-CT001-V1
U, C, CE
1
RS-422 line
driver
75 kHz
Yes
No
Yes
Yes
No
No
Yes
0.30
---
C200H-CT002
2
Voltage input:
12 or 24 VDC
50 kHz
YesNo
Yes
YesNo
No
Yes
1 unit
number’s
words
0.40
---
C200H-CT021
RS-422 line
driver
75 kHz
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
C200H
Special
I/O Unit
Cam
Positioner
Unit
48 cam outputs (external outputs:
16, internal outputs: 32)
Control unit: 360 division per
rotation
Resolver response speed:
800 r/min max.
Resolver response time:
200 µs (sampling frequency:
5 KHz)
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.30
---
C200H-CP114
U, C
Data Setting
Console
Used to set cam data and monitor
current cam angles.
---
C200H-DSC01 U, C
Connecting
Cables
---
---
Cable length: 2 m
C200H-CN225
N
---
---
Cable length: 4 m
C200H-CN425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com