Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT01 Datasheet(PDF) 46 Page - Omron Electronics LLC

Part # CS1W-RPT01
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT01 Datasheet(HTML) 46 Page - Omron Electronics LLC

Back Button CS1W-RPT01 Datasheet HTML 42Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 43Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 44Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 45Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 46Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 47Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 48Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 49Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
34
Programmable Controllers SYSMAC
CS1G/H
■ Analog Output Units
● Analog Output Units
● Isolated-type Control Output Units (Process I/O Units)
■ Analog I/O Units
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
I/O
points
Signal
range
selec-
tion
Signal
range
Reso-
lution
Conver-
sion
speed
External
connec-
tion
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O
Units
Analog
Output
Units
4
outputs
4
indepen-
dent
1 to 5 V,
0 to 5 V,
0 to 10 V,
-10 to 10 V,
4 to 20 mA
1/4000
1 ms/
output
Remov-
able
termi-
nal
block
YesYes
No
YesYes
Yes
No
1 unit
number’s
words
0.13
0.18
CS1W-DA041
UC1, N,
L, CE
8
outputs
8
indepen-
dent
1 to 5 V,
0 to 5 V,
0 to 10 V,
-10 to 10 V
1/4000
1 ms/
output
YesYes
No
YesYes
Yes
No
0.13
0.18
CS1W-DA08V
U, C, N, L,
CE
8
outputs
8
indepen-
dent
4 to 20 mA 1/4000
1 ms/
output
YesYes
No
YesYes
Yes
No
0.13
0.25
CS1W-DA08C
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
I/O
points
Signal
range
selec-
tion
Signal
range
Conver-
sion
speed
External
connec-
tion
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O
Units
Isolated-
type
Control
Output
Units
4
outputs
4
inde-
pendent
4 to
20 mA,
1 to 5V
100 ms/
outputs
Remov-
able
termi-
nal
block
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
0.15
0.16
CS1W-PMV01
UC1, CE
4
outputs
4
inde-
pendent
0 to 10V,
±10V,
0 to 5V,
±5V,
0 to 1V,
±1V
40 ms/
outputs
Yes
Yes
No
Yes
Yes
Yes
No
0.12
0.12
CS1W-PMV02
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
I/O
points
Signal
range
selec-
tion
Signal
range
Resolu-
tion
Conver-
sion
speed
External
connec-
tion
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O
Units
Analog
I/O Units
4
inputs
4
inde-
pen-
dent
1 to 5V,
0 to 5V,
0 to 10V,
-10 to 10V,
4 to 20 mA
1/4000
1 ms/
output
Remov-
able
termi-
nal
block
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
0.20
0.20
CS1W-MAD44
U, C, N, L,
CE
4
outputs
4
inde-
pen-
dent
1 to 5V,
0 to 5V,
0 to 10V,
-10 to 10V
1/4000
1 ms/
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com