Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT01 Datasheet(PDF) 43 Page - Omron Electronics LLC

Part # CS1W-RPT01
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT01 Datasheet(HTML) 43 Page - Omron Electronics LLC

Back Button CS1W-RPT01 Datasheet HTML 39Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 40Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 41Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 42Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 43Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 44Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 45Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 46Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 47Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
31
■ Interrupt Input Unit
*Interrupt inputs are not supported on these Racks (i.e., used as normal I/O Unit).
■ Analog Timer Unit
■ B7A Interface Units
Unit type
Product
name
Specifications
Mountable Racks
Words
required
Current
consumption
(A)
Model
Standards
I/O
points
Input
voltage
Input
current
Input pulse
width
External
connection
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
ON
time
OFF
time
@@3 @@2
@@3 @@2
C200H
Basic I/O
Units
Interrupt
Input Unit
8
inputs
12 to
24
VDC
10
mA
0.2
ms
max.
0.5
ms
max.
Removable
terminal
block
Yes
No
*
Yes
*
Yes
No
No
No
1 word
0.02
---
C200HS-INT01 U, C, CE
Unit type
Product
name
Specifications
Mountable Racks
Words
required
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1 Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3
@@2
@@3
@@2
C200H
Basic I/O
Units
Analog
Timer Unit
4-point timer
Yes
No
Yes
Yes
No
No
Yes
1 word
0.06
---
C200H-TM001
U, C
Unit type
Product
name
Specifications
Mountable Racks
Words
required
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1 Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3
@@2
@@3
@@2
C200H
Basic I/O
Units
B7A
Interface
Units
16 inputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.10
---
C200H-B7AI1
U, C, CE
16 outputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.10
---
C200H-B7AO1
C200H
Group-2
High-
density
I/O Units
32 inputs
Yes
No
Yes
Yes
No
No
No
2 words
0.10
---
C200H-B7A12
U, C
32 outputs
Yes
No
Yes
Yes
No
No
No
2 words
0.10
---
C200H-B7A02
U, C, CE
16 inputs/outputs
Yes
No
Yes
Yes
No
No
No
1 input word
and 1 output
word
0.10
---
C200H-B7A21
32 inputs/outputs
Yes
No
Yes
Yes
No
No
No
2 input words
and 2 output
words
0.10
---
C200H-B7A22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com