Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT01 Datasheet(PDF) 48 Page - Omron Electronics LLC

Part # CS1W-RPT01
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT01 Datasheet(HTML) 48 Page - Omron Electronics LLC

Back Button CS1W-RPT01 Datasheet HTML 44Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 45Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 46Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 47Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 48Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 49Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 50Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 51Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 52Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
36
Programmable Controllers SYSMAC
CS1G/H
■ Customizable Counter Units
■ Position Control Units
Unit type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O Units
Customizable
Counter Units
Two-axis pulse input
Two-axis pulse output
12 DC inputs
8 transistor outputs
YesYes
No
YesYes
Yes
No
1 unit
number’s
words
0.80
---
CS1W-HCP22-V1
U, C, CE
Single-axis pulse input
1 analog input
2 analog outputs
12 DC inputs
8 transistor outputs
YesYes
No
YesYes
Yes
No
0.75
0.15
CS1W-HCA12-V1
Two-axis pulse input
2 analog outputs
12 DC inputs
8 transistor outputs
YesYes
No
YesYes
Yes
No
0.75
0.15
CS1W-HCA22-V1
12 DC inputs
8 transistor outputs
YesYes
No
YesYes
Yes
No
0.60
---
CS1W-HIO01-V1
Unit type
Product name
Specifications
Mountable Racks
No. of unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
Control output
interface
Number
of axes
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O Units
Position Control
Units
Pulse-train,
open-collector
outputs
1 axis
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
0.25
---
CS1W-NC113
U, C, N, L,
CE
2 axes
Yes
Yes
No
Yes
Yes
Yes
No
0.25
---
CS1W-NC213
4 axes
Yes
Yes
No
Yes
Yes
Yes
No
2 unit
numbers’
words
0.36
---
CS1W-NC413
Pulse-train, line-
driver outputs
1 axis
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
0.25
---
CS1W-NC133
2 axes
Yes
Yes
No
Yes
Yes
Yes
No
0.25
---
CS1W-NC233
4 axes
Yes
Yes
No
Yes
Yes
Yes
No
2 unit
numbers’
words
0.36
---
CS1W-NC433
Relay Unit for
Servo
For use with the CS1W-NC1
@3 Number of axes supported: 1
XW2B-20J6-1B
---
For use with the CS1W-NC2
@3/
NC4
@3
Number of axes supported: 2
XW2B-40J6-2B
For use with the CS1W-NC
@@3 Number of axes supported: 2, with communications support
XW2B-40J6-4A
Servo Relay Unit
Connecting
Cable (Position
Control Unit end)
Open-collector
output
For use with the
CS1W-NC113
Connectable Servo Drive:
OMNUC G5 Series, G Series, W
Series, or SMARTSTEP 2
Number of axes
supported: 1
Cable length: 0.5 m
XW2Z-050J-A6
Cable length: 1 m
XW2Z-100J-A6
Connectable Servo Drive:
SMARTSTEP Junior or A Series
Cable length: 0.5 m
XW2Z-050J-A8
Cable length: 1 m
XW2Z-100J-A8
For use with the
CS1W-NC213/
NC413
Connectable Servo Drive:
OMNUC G5 Series, G Series, W
Series, or SMARTSTEP 2
Number of axes
supported: 2
Cable length: 0.5 m
XW2Z-050J-A7
Cable length: 1 m
XW2Z-100J-A7
Connectable Servo Drive:
SMARTSTEP Junior or A Series
Cable length: 0.5 m
XW2Z-050J-A9
Cable length: 1 m
XW2Z-100J-A9
Line-driver
outputs
For use with the
CS1W-NC133
Connectable Servo Drive:
OMNUC G5 Series, G Series, W
Series, or SMARTSTEP 2
Number of axes
supported: 1
Cable length: 0.5 m
XW2Z-050J-A10
Cable length: 1 m
XW2Z-100J-A10
Connectable Servo Drive:
SMARTSTEP Junior or A Series
Cable length: 0.5 m
XW2Z-050J-A12
Cable length: 1 m
XW2Z-100J-A12
For use with the
CS1W-NC233/
NC433
Connectable Servo Drive:
OMNUC G5 Series, G Series, W
Series, or SMARTSTEP 2
Number of axes
supported: 2
Cable length: 0.5 m
XW2Z-050J-A11
Cable length: 1 m
XW2Z-100J-A11
Connectable Servo Drive:
SMARTSTEP Junior or A Series
Cable length: 0.5 m
XW2Z-050J-A13
Cable length: 1 m
XW2Z-100J-A13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com