| Electronic Components Datasheet Search |
|
CS1W-RPT01 Datasheet(PDF) 34 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CS1W-RPT01 Datasheet(HTML) 34 Page - Omron Electronics LLC |
|
34 / 70 page ![]() 22 Programmable Controllers SYSMAC CS1G/H ■ Support Software Note 1: Site licenses are available for users who will run CX-One on multiple computers. Ask your OMRON sales representative for details. 2: Before ordering the software on a DVD, be sure that your computer and drive are compatible with the DVD format. ● Support Software in CX-One Ver.4.@ The following tables lists the Support Software that can be installed from CX-One. * MECHATROLINK II is a registered trademark of the MECHATROLINK Members Association. Note: If the complete CX-One package is installed, approximately 2.8 GB of Hard disk space will be required. Programming Devices Product name Specifications Model Standards Number of Model Standards licenses Media FA Integrated Tool Package CX-One Ver.4. @ The CX-One is a comprehensive software package that integrates Support Software for OMRON PLCs and components. CX-One runs on the following OS. Windows 2000 (Service Pack 4 or higher), XP, Vista, or 7 Note: Except for 64-bit version. CX-One Version 4. @ includes CX-Programmer Ver.9.@ and CX-Simulator Ver. 1. @. For details, refer to the CX-One catalog (Cat. No. R134). 1 license CD CXONE-AL01C-V4 --- DVD CXONE-AL01D-V4 3 licenses CD CXONE-AL03C-V4 DVD CXONE-AL03D-V4 10 licenses CD CXONE-AL10C-V4 DVD CXONE-AL10D-V4 30 licenses CD CXONE-AL30C-V4 DVD CXONE-AL30D-V4 50 licenses CD CXONE-AL50C-V4 DVD CXONE-AL50D-V4 Support Software in CX-One Outline CX-Programmer Ver.9. @ Application software to create and debug programs for SYSMAC CS/CJ/CP/NSJ-series, C-series, and CVM1/C-series CPU Units, and to create and monitor data for SYSMAC CS/CJ-series Position Control Units. CX-Integrator Ver.2. @ Application software to build and set up FA networks, such as Controller Link, DeviceNet, CompoNet, CompoWay/F, and Ethernet networks. The Routing Table Component and Data Link Component can be started from here. DeviceNet Configuration functionality is also included. Switch Box Utility Ver.1. @ Utility software that helps you to debug PLCs. It helps you to monitor the I/O status and to monitor/change present values within the PLC you specify. CX-Protocol Ver.1. @ Application software to create protocols (communications sequences) between SYSMAC CS/CJ/CP/NSJ-series or C200HX/HG/ HE Serial Communications Boards/Units and general-purpose external devices. CX-Simulator Ver.1. @ Application software to simulate SYSMAC CS/CJ/CP/NSJ-series CPU Unit operation on the computer to debug PLC programs without a CPU Unit. CX-Position Ver.2. @ Application software to create and monitor data for SYSMAC CS/CJ-series Position Control Units. (except for High-speed type) CX-Motion-NCF Ver.1. @ Application software to creat and monitor data for SYSMAC CS/CJ-series Position Control Units with MECHATROLINK-II * interface (NC @71). CX-Motion-MCH Ver.2. @ Application software to create data, and monitor program, and monitor data for SYSMAC CS/CJ-series Motion Control Units with MECHATROLINK-II * interface (MCH71). CX-Motion Ver.2. @ Application software to create data for SYSMAC CS/CJ-series, C200HX/HG/HE, and CVM1/CV-series Motion Control Units, and to create and monitor motion control programs. CX-Drive Ver.1. @ Application software to set and control data for Inverters and Servos. CX-Process Tool Ver.5. @ Application software to create and debug function block programs for SYSMAC CS/CJ-series Loop Controllers (Loop Control Units/Boards, Process Control CPU Units, and Loop Control CPU Units). Faceplate Auto-Builder for NS Ver.3. @ Application software that automatically outputs screen data as project files for NS-series PTs from tag information in function block programs created with the CX-Process Tool. CX-Designer Ver.3. @ Application software to create screen data for NS-series PTs. NV-Designer Ver.1. @ Applications software to create screen data for NV-series small PTs. CX-Configurator FDT Ver.1. @ Applications software to setting various units by installing its DTM module. CX-Thermo Ver.4. @ Application software to set and control parameters in components such as Temperature Control Units. CX-FLnet Ver.1. @ Application software for system setting and monitoring of SYSMAC CS/CJ-series FL-net Units. Network Configrator Ver.3. @ Application software for setting the tag datalink at the built-in EtherNet/IP port. CX-Server Ver.4. @ Middleware necessary for CX-One applications to communicate with OMRON components, such, such as PLCs, Display Devices, and Temperature Control Units. PLC Tools (Installed automatically.) A group of components used with CX-One applications, such as the CX-Programmer and CX-Integrator. Includes the following: I/O tables, PLC memory, PLC Setup, Data Tracing/Time Chart Monitoring, PLC Error Logs, File Memory, PLC clock, Routing Tables, and Data Link Tables. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |