Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT01 Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # CS1W-RPT01
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT01 Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button CS1W-RPT01 Datasheet HTML 20Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 21Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 22Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 23Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 24Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 25Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 26Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 27Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
12
Programmable Controllers SYSMAC
CS1G/H
Common Specifications for CPU Units
Item
Specifications
Control method
Stored program
I/O control method
Cyclic scan and immediate processing are both possible.
Programming
•Ladder diagrams
•SFC (sequential function charts)
•ST (structured text)
•Mnemonics
Instruction length
1 to 7 steps per instruction
Ladder instructions
Approx. 400 (3-digit function codes)
Execution time
Basic instructions
0.02
μs min.
Special instructions
0.04
μs min.
Number of tasks
288 (cyclic tasks: 32, interrupt tasks: 256)
Note 1:Cyclic tasks are executed each cycle and are controlled with TKON(820) and TKOF(821) instructions.
2:The following 4 types of interrupt tasks are supported. Power OFF interrupt tasks: 1 max. Scheduled interrupt tasks: 2 max. I/O in-
terrupt tasks: 32 max. External interrupt tasks: 256 max.
Interrupt types
Scheduled Interrupts: Interrupts generated at a time scheduled by the CPU Unit’s built-in timer.
I/O Interrupts: Interrupts from Interrupt Input Units.
Power OFF Interrupts: Interrupts executed when the CPU Unit’s power is turned OFF.
External I/O Interrupts: Interrupts from the Special I/O Units, CS-series CPU Bus Units, or the Inner Board.
Function blocks
*1
Languages in function block definitions: ladder programming, structured text
CIO (Core I/O)
Area
I/O Area
5,120: CIO 000000 to CIO 031915 (320 words from CIO 0000 to CIO 0319)
The setting of the first word can be changed from the default (CIO 0000) so that CIO 0000 to CIO 0999 can be used.
I/O bits are allocated to Basic I/O Units, such as CS-series Basic I/O Units, C200H Basic I/O Units, and C200H Group-2
High-density I/O Units.
The CIO
Area can be
used as work
bits if the bits
are not used
as shown
here.
Link Area
3,200 (200 words): CIO 10000 to CIO 119915 (words CIO 1000 to CIO 1199)
Link bits are used for data links and are allocated to Units in Controller Link Systems and PLC Link Systems.
CPU Bus Unit Area
6,400 (400 words): CIO 150000 to CIO 189915 (words CIO 1500 to CIO 1899)
CS-series CPU Bus Unit bits store the operating status of CS-series CPU Bus Units.
(25 words per Unit, 16 Units max.)
Special I/O Unit Area
15,360 (960 words): CIO 200000 to CIO 295915 (words CIO 2000 to CIO 2959)
Special I/O Unit bits are allocated to CS-series Special I/O Units and C200H Special I/O Units. (See Note.)
(10 words per Unit, 96 Units max. The maximum total number of slots, however, is limited to 80 including expansion slots, so
the maximum number of Units is actually 80.
Note: A maximum of 16 C200H Special I/O Units can be mounted. Also, depending on the Units, the maximum may be 10.
Some I/O Units are classified as Special I/O Units.
Inner Board Area
1,600 (100 words): CIO 190000 to CIO 199915 (words CIO 1900 to CIO 1999)
Inner Board bits are allocated to Inner Boards. (100 I/O words max.)
SYSMAC BUS Area
800 (50 words): CIO 300000 to CIO 304915 (words CIO 3000 to CIO 3049)
SYSMAC BUS bits are allocated to Slave Racks connected to SYSMAC BUS Remote I/O Master Units. (10 words per Rack,
5 Racks max.)
I/O Terminal Area
512 (32 words): CIO 310000 to CIO 313115 (words CIO 3100 to CIO 3131)
I/O Terminal bits are allocated to I/O Terminal Units (but not to Slave Racks) connected to SYSMAC BUS Remote I/O
Master Units. (1 word per Terminal, 32 Terminals max.)
C200H Special I/O Unit
Area
8,192 bits (512 words): W00000 to W51115 (W000 to W511)
C200H Special I/O Unit bits are allocated to C200H Special I/O Units, and accessed separately from I/O refreshing.
DeviceNet Area
1,600 (100 words): Outputs: CIO 005000 to CIO 009915 (words CIO 0050 to CIO 0099)
Inputs: CIO 035000 to CIO 039915 (words CIO 0350 to CIO 0399)
DeviceNet bits are allocated to Slaves according to DeviceNet remote I/O communications.
PLC Link Area
64 bits (4 words): CIO 024700 to CIO 025015 (words CIO 0247 to CIO 0250)
When a PLC Link Unit is used in a PLC Link, use these bits to monitor PLC Link errors and the operating status of other
CPU Units in the PLC Link.
Internal I/O Area
4,800 (300 words): CIO 120000 to CIO 149915 (words CIO 1200 to CIO 1499)
37,504 (2,344 words): CIO 380000 to CIO 614315 (words CIO 3800 to CIO 6143)
These bits in the CIO Area are used as work bits in programming to control program execution. (They cannot be used for external I/O.)
Work Area
8,192 bits (512 words): H00000 to H51115 (H000 to H511)
These bits in the CIO Area are used as work bits in programming to control program execution. (They cannot be used for external I/O.)
When using work bits in programming, use the bits in the Work Area first before using bits from other areas.
Holding Area
8,192 bits (512 words): H00000 to H51115 (H000 to H511)
Holding bits are used to control the execution of the program, and maintain their ON/OFF status when the PLC is turned OFF or the
operating mode is changed.
Note: The Function Block Holding Area words are allocated from H512 to H1535. These words can be used only for the function block
instance area (internally allocated variable area).
Auxiliary Area
Read only: 7,168 bits (448 words): A00000 to A44715 (words A000 to A447)
Read/write: 8,192 bits (512 words): A44800 to A95915 (words A448 to A959)
Auxiliary bits are allocated specific functions.
Temporary Area
16 bits (TR0 to TR15)
Temporary bits are used to temporarily store the ON/OFF execution conditions at program branches.
Timer Area
4,096: T0000 to T4095 (separate from counters)
Note: The time units for timer settings are 0.1 s, 0.01 s, and 0.001 s (depending on the timer instruction that is used).
Counter Area
C0000 to C4095 (separate from timers)
DM Area
32K words: D00000 to D32767
Internal Special I/O Unit DM Area: D20000 to D29599 (100 words x 96 Units)
Used to set parameters for Special I/O Units.
CPU Bus Unit DM Area:
D30000 to D31599 (100 words x 16 Units)
Used to set parameters for CPU Bus Units.
Inner Board DM Area:
D32000 to D32099
Used to set parameters for Inner Boards.
Used as a general-purpose data area for reading and writing data in word units (16 bits). Words in the DM Area maintain their status when
the PLC is turned OFF or the operating mode is changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com