Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT01 Datasheet(PDF) 40 Page - Omron Electronics LLC

Part # CS1W-RPT01
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT01 Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button CS1W-RPT01 Datasheet HTML 36Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 37Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 38Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 39Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 40Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 41Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 42Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 43Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 44Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
28
Programmable Controllers SYSMAC
CS1G/H
■ Interrupt Input Unit
* Interrupt inputs are not supported on these Racks (i.e., used as normal I/O Unit).
■ Quick-response Input Unit
■ B7A Interface Unit
■ Safety Relay Unit
Unit type
Product
name
Specifications
Mountable Racks
Words
required
Current
consumption
(A)
Model
Standards
I/O
points
Input
voltage
Input
cur-
rent
Input pulse
width
External
connec-
tion
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
ON
time
OFF
time
@@3 @@2
@@3 @@2
CS1 Basic
I/O Units
Interrupt
Input Unit
16
inputs
24
VDC
7 mA
0.1
ms
max.
0.5
ms
max.
Remov-
able
terminal
block
Yes
Yes
No
*
Yes
*
Yes
*
Yes
No
1 word
0.10
---
CS1W-INT01
UC1, N, L,
CE
Unit type
Product
name
Specifications
Mountable Racks
Words
required
Current
consumption
(A)
Model
Standards
I/O
points
Input
voltage
Input
cur-
rent
Input pulse
width
(ON time)
External
connec-
tion
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1 Basic
I/O Units
Quick-
response
Input Unit
16
inputs
24
VDC
7 mA
0.1 ms
max.
Remov-
able
terminal
block
Yes
Yes
No
Yes
Yes
Yes
No
1 word
0.10
---
CS1W-IDP01
UC1, N, L,
CE
Unit type
Product
name
Specifications
Mountable Racks
Words required
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1 Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3
@@2
@@3
@@2
CS1 Basic
I/O Unit
B7A Interface
Unit
32 inputs
Yes
Yes
No
Yes
Yes
Yes
No
2 words
0.09
---
CS1W-B7A12
UC1, CE
32 outputs
Yes
Yes
No
Yes
Yes
Yes
No
2 words
0.09
---
CS1W-B7A02
16 inputs/outputs
Yes
Yes
No
Yes
Yes
Yes
No
1 input word
and 1 output
word
0.09
---
CS1W-B7A21
32 inputs/outputs
Yes
Yes
No
Yes
Yes
Yes
No
2 input words
and 2 output
words
0.09
---
CS1W-B7A22
Unit type
Product
name
Specifications
Mountable Racks
Words
required
Current
consumption
(A)
Model
Standards
Func-
tion
Power
supply
voltage
Number
of input
words
Contact
type
(Safety
output)
Number
of
general
inputs
External
connec-
tions
CPU Rack
C200HX/
HG/HE
Expan-
sion I/O
Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1Basic
I/O Units
Safety
Relay Unit
Emer-
gency
stop
Unit
24
VDC
1 word
or 2
words
(Shared
inputs)
DPST-
NO
4
inputs/
com-
mon
Remov-
able
termi-
nal
block
Yes
Yes
No
Yes
Yes
Yes
No
1 word
0.10
---
CS1W-SF200
U, C, CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com