Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT01 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # CS1W-RPT01
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT01 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button CS1W-RPT01 Datasheet HTML 15Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 16Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 17Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 18Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 19Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 20Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 21Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 22Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
7
● Long-distance Expansion
Use this system configuration for an expansion of more 12 m. Expansion is possible by up to 50 m.
Using CS1 Connecting Cable and Long-distance Expansion Connecting Cable
I/O Control Unit (see note.)
CS1W-IC102
I/O Interface Unit
CS1W-II102
I/O Interface Unit
CS1W-II102
I/O Interface Unit
CS1W-II102
I/O Interface Unit
CS1W-II102
I/O Interface Unit
CS1W-II102
I/O Interface Unit
CS1W-II102
CS1 Expansion Rack
CS1 Expansion Rack
(Used for long-distance expansion.)
CS1 Expansion Rack
(Used for long-distance expansion.)
CS1 Expansion Rack
(Used for long-distance expansion.)
CS1 Expansion Rack
(Used for long-distance expansion.)
CS1 Expansion Rack
(Used for long-distance expansion.)
CS1 Expansion Rack
(Used for long-distance expansion.)
Connecting Cable for Long-distance Expansion CV500-CN
@@2
Connecting Cable for Long-distance Expansion CV500-CN
@@2
Connecting Cable for Long-distance Expansion
CV500-CN
@@2
50 m
0.7 m
50 m
Connecting Cable for Long-distance Expansion
CV500-CN
@@2
Connecting Cable for Long-distance Expansion
CV500-CN
@@2
Connecting Cable for Long-distance Expansion
CV500-CN
@@2
Terminator
*
Terminator
*
CPU Rack
CS1 I/O Connecting Cable CS1W-CN
@@3
Power Supply Unit
C200HW-P
@@@@(@)
Power Supply Unit
C200HW-P
@@@@(@)
Power Supply Unit
C200HW-P
@@@@(@)
Power Supply Unit
C200HW-P
@@@@(@)
Power Supply Unit
C200HW-P
@@@@(@)
Power Supply Unit
C200HW-P
@@@@(@)
Power Supply Unit
C200HW-P
@@@@(@)
CS1 Expansion Backplane
CS1W-BI
@@@
CS1 Expansion Backplane
CS1W-BI
@@@
CS1 Expansion Backplane
CS1W-BI
@@@
CS1 Expansion Backplane
CS1W-BI
@@@
CS1 Expansion Backplane
CS1W-BI
@@@
CS1 Expansion Backplane
CS1W-BI
@@@
CS1 Expansion Backplane
CS1W-BI
@@@
(Used for long-distance expansion.)
Expansion Racks Configuration
• CS1 Expansion Rack
• CS1 Expansion Rack (Long-distance
expansion)
•Cable
Unit name
Required number of units
I/O Control Unit
(CS1W-IC102)
1
Unit name
Required number of units
CS1 Expansion
Backplane
(CS1W-BI
@@@)
One required for each
Expansion Rack
Power Supply Unit
One required for each
Expansion Rack
I/O Interface Unit
(CS1W-II102)
One required for each
Expansion Rack
Maximum Number of
Configuration Units
Varies by backplane model
Cable name
Required number of cables
CS1 I/O Connecting
Cable
(CS1W-CN
@@3)
1
Connecting Cable for
Long-distance
Expansion
(CV500-CN
@@2)
Number of CS1 Expansion
Racks minus 1
Note: If even one Long-distance Expansion Connecting Cable to be used, it is necessary for an
I/O Control Unit to be mounted to the CS1 Expansion Rack where the Cable is connected.
* Two Terminators (CV500-TER01) are provided with
the CS1W-IC102 I/O Control Unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com