Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT01 Datasheet(PDF) 37 Page - Omron Electronics LLC

Part # CS1W-RPT01
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT01 Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button CS1W-RPT01 Datasheet HTML 33Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 34Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 35Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 36Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 37Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 38Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 39Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 40Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 41Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
25
Accessories and Maintenance Parts
Product name
Specifications
Model
Standards
Memory Cards
Flash Memory, 128 MB
HMC-EF183
---
Memory Card Adapter (Adapts to a computer’s PCMCIA card slot.)
HMC-AP001
CE
Product name
Specifications
Model
Standards
Battery Set
Battery for CS-series maintenance
Note 1: A battery is included with the CPU Unit as standard equipment.
2: The battery life is 5 years at an ambient temperature of 25°C, although the
lifetime can be as short as 1.1 years under adverse temperature and power
conditions.
3: Use a replacement battery that was manufactured within the last two years.
CS1W-BAT01
---
I/O Terminal Cover
Cover for 10-pin Terminal Blocks
C200H-COV11
Terminal Block
Cover
Short-circuit protection for 10-pin Terminal Blocks (package of 10 covers); for 8 I/O
points
C200H-COV02
Short-circuit protection for 19-pin Terminal Blocks (package of 10 covers); for 12 I/O
points
C200H-COV03
Connector Cover
Protective cover for unused Power Supply Unit connector in C200H Backplane
C500-COV01
Protective cover for unused CS-series Unit connector in Backplane
CV500-COV01
Space Units
For unused I/O slot spaces in the CS1W-BC
@@3/BI@@3 or C200HW-BI@@@
Backplanes
C200H-SP001
N, L
For unused I/O slot spaces in the CS1W-BC
@@2/BI@@2 or CS1W-BC@@3/BI@@3
Backplanes
CS1W-SP001
---
Backplane Insulation Plate
(for C200HX/HG/HE
Expansion I/O Backplane)
Used to electrically insulate the Backplane from the
control panel as a noise countermeasure.
10 slots
C200HW-ATTA2
N, L, CE
8 slots
C200HW-ATT82
5 slots
C200HW-ATT52
3 slots
C200HW-ATT32
Contact relays
24 VDC
For Relay Output Unit C200H-OC221/222/223/224/225
G6B-1174P-FD-US-M DC24
---
Programming
Console Mounting
Bracket
Use to mount a C200H-PRO27 Programming Console in a control panel.
C200H-ATT01
Terminator
Connected to last Long-distance Expansion Rack (for CS1W-IC102). Two are
included with the CS1W-IC102 I/O Control Unit.
CV500-TER01
U, C
RS-422A Converter
Converts RS-233C to RS-422A/RS-485.
CJ1W-CIF11
UC1, N, L,
CE
RS-232C/RS-422A Link
Adapter
RS-232C × 1 port
RS-422A terminal block
NT-AL001
---
DIN Track Mounting Accessories
Product name
Specifications
Model
Standards
DIN Track
Mounting Bracket
1 set (package of 2 brackets)
C200H-DIN01
---
DIN Track
Track length: 50 cm
Height: 7.3 mm
PFP-50N
Track length: 1 m
Height: 7.3 mm
PFP-100N
Track length: 1 m
Height: 16 mm
PFP-100N2
End Plate
Note: Order in lots of 10.
PFP-M
Spacer
PFP-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com