Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT01 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # CS1W-RPT01
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT01 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button CS1W-RPT01 Datasheet HTML 12Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 13Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 14Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 15Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 16Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 17Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 18Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 19Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
4
Programmable Controllers SYSMAC
CS1G/H
■ CS1 CPU Rack
A CS1 CPU Rack consists of a CPU Unit, Power Supply Unit, and Configuration Units (Basic I/O Units, Special I/O Units, and CPU Bus
Units).
● Required Units
● Types of Units
In the SYSMAC CS Series, Units are classified into the following three types. The number of Racks differs depending on the type.
Rack
Unit name
Required number of units
CPU Rack
CS1 CPU Backplane (CS1W-BC
@@@)
1
Power Supply Unit
1
CPU Unit
1
Maximum Number of Configuration Units
Varies by backplane model
Type
Appearance (example)
Description
Unit recognition method
No. of Units
Basic I/O Units
Units with contact inputs and contact
outputs.
In the CS1 System, CS1
Basic I/O Units, C200H
Basic I/O Units, and
Group-2 High-density I/O
Units are identified by
their mounting positions
(Rack and slot).
The Units mounted must
not exceed the maximum
I/O capacity of the CPU
Unit.
Special I/O Units
Special I/O Units provide more
advanced functions than do Basic I/O
Units, including I/O other than contact
inputs and contact outputs.
Examples of Special I/O Units are
Analog I/O Units and High-speed
Counter Units. They differ from CPU
Bus Units (including Network
Communications Units) in having a
smaller area for exchanging data with
the CPU Unit.
Recognized by the CPU
Unit according to the unit
number (CS-series
Special I/O Units: 0 to 95,
C200J Special I/O Units:
0 to 9, or 0 to 15) set with
the rotary switches on the
front panel.
CS-series Special I/O
Units: 96 Units max.;
C200H Special I/O Units:
10 or 16 Units max. (From
1 to 4 unit numbers are
assigned per Unit,
depending on the model
of the Unit.)
CPU Bus Units
CPU Bus Units exchange data with
the CPU Unit via the CPU Bus.
Examples of CPU Bus Units are
Network Communications Units and
Serial Communications Units.
They differ from Special I/O Units in
having a larger area for exchanging
data with the CPU Unit.
Recognized by the CPU
Unit according to the unit
number (0 to F) set with
the rotary switch on the
front panel.
A maximum of 16 Units
can be mounted.
PORT
BUSY
RUN
ERR/ALM
INH
PRPHL
MCPWR
BKUP
COMM
SYSMAC
CS1D-CPU67S
PROGRAMMABLE CONTROLLER
OPEN
PERIPHERAL
Basic I/O Units
Special I/O Units
CPU Bus Units
Note: C200H Units cannot be used on the CPU Rack or Expansion Racks
if a CS-series-only CPU Backplane (CS1W-BC
@@3) is used.
CS1 CPU Unit
CS1G/H-CPU
@@H
CS1 CPU Backplane
CS1W-BC
@@@ (See note.)
Power Supply Unit
C200HW-P
@@@@(@)
CPU Rack
CS1 Basic I/O Units
C200H Basic I/O Units
C200H Group-2 High-density
I/O Units
CS1 Special I/O Units
C200H Special I/O Units
CS1 CPU Bus Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com