Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT01 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # CS1W-RPT01
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT01 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button CS1W-RPT01 Datasheet HTML 6Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 7Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 8Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 9Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 10Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 11Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 12Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 13Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Servomotor
Servomotor
Servomotor
Servomotor
CS1W-HCA22
OMNUC G-series/
G5-series
General-purpose
Servo Drive
OMNUC W-series
MECHATROLINK-II
Servo Drive with
Built-in
Communications
Analog input
Servo Driver
SMART STEP
2 Servo
Drive with
Pulse-string
Input
Servo Driver
Encoder
CX-Motion
CX-Position
CX-Motion-NCF
CX-Motion-MCH
CX-One
Customizable Counter Units
CX-Programmer
Position
Control Unit
Motion Control Units
F-18
F-19
Machine performance improved with high-speed,
high-precision, flexible motion control.
Easy Programming with
G Language and Multitasking
The Motion Control Units use G language to
ensure easy programming. The Units have
a large programming capacity of up to 100
programs and 2,000 program blocks, and
allow independent operation of 4 tasks.
High-speed Interlocks
Interrupt programs can be executed from
the motion control program using D codes
(interrupt codes). Easy, fast interlocks
ensure greater production efficiency.
Synchronous control (electronic gears,
electronic cams) is also possible.
Two Types of Outputs and
Control of 1, 2, or 4 Axes
Select from 1-axis, 2-axis, and 4-axis
models with either open-collector output or
line-driver output to suit a number of
different applications.
Easy System Construction
Up to 30 physical axes and two virtual axes,
making a total of 32, can be controlled, and the
servo interface is handled by high-speed servo
communications (MECHATROLINK-II*). This
makes it possible to control multiple axes with
less wiring.
Easy Data Control
High-speed servo communications lets you
read programs and parameter settings from
CX-Programmer on a PC. You can also
read and track the operating status of
parameter settings inside the Servo Driver.
Easy Motion Control
Motion control, including positioning,
synchronizing (electronic gears, electronic
cams, tracking), speed, and torque control,
can all be handled by the CS1.
Eight motion tasks can be used for
simultaneous motion program execution.
A Variety of Positioning Functions
There are 2 operating modes: direct operation
(position, speed, acceleration, and
deceleration data specified from the ladder
program), which is effective for setting target
positions, speeds, and acceleration rates
immediately or during operation, and memory
operation, where fixed patterns are stored
beforehand in the Unit and used for operation.
There are also a variety of positioning
functions, such as interrupt feeding, which is
effective for feeder control, and forced interrupt,
which is useful in emergencies.
Motion Applications with
High-speed Response
A wide range of interrupt functions and
superior response performance enable
motion applications requiring high-speed
response using pulse I/O.
Easy Control for Bending and
Pressing
It is possible to switch between speed
control and torque control from the ladder
program, enabling bending operation for
metals and pressing operation for bonding.
Torque Speed
Position
Torque
Torque Sensor
Speed
A Whole New Concept,
Customizable Counter Units
A high-speed PLC with 20 I/O points, a
2-axis high-speed counter, and 2 pulse or
analog outputs have all been combined into 1
Unit. The Customizable Counter Units allow
easy execution of complicated applications.
Pulse output
20 I/O points
PLC
Analog output
Analog input
Counter
Customizable
Counter Unit
High-speed
PLC
overhead
0.1 ms
● Position Control Units
Single Cable Connection and
Flexible Routing!
With MECHATROLINK-II
*, the Servo Drive
can be easily connected with a single cable
(2-core shielded twisted pair cable). The
wire savings over the total length of 50 m (or
30 m for 16 axes) enables Racks to be more
freely located.
● Position Control Unit with
MECHATROLINK-II interface
● Motion Control Units
● Customizable Counter Units
Pulses
Analog
Pulse/analog output
Servomotor
Servomotor
Com-
muni-
cations
Communications
Note: MECHATROLINK-II is a registered trademark of the
MECHATROLINK Members Association.
Time Saved in Startup and
Maintenance
Servo Drive parameters can be set from the
PLC.
Settings and adjustments can be made from
one location, without connecting the Support
Software to individual Servo Drives. In
addition, Servo Drive alarm status, speed,
and torque monitoring can be centralized at
the PLC.
● Motion Control Unit with
MECHATROLINK-II interface
OMNUC G-series/
G5-series
MECHATROLINK-II
Servo Drive with
Built-in
Communications
Position Control Unit with
MECHATROLINK-II interface
Motion Control Unit with
MECHATROLINK-II interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com