Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT01 Datasheet(PDF) 53 Page - Omron Electronics LLC

Part # CS1W-RPT01
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT01 Datasheet(HTML) 53 Page - Omron Electronics LLC

Back Button CS1W-RPT01 Datasheet HTML 49Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 50Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 51Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 52Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 53Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 54Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 55Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 56Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 57Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
41
● H-PCF Cables (For Controller Link and SYSMAC LINK)
*Full-lock Optical Connectors (Crimp-cut) (S3200-COCF2071) cannot be used with the CS1W-SLK11. Use a Half-lock Cable (S3200-COCF2571) or a H-PCF Optical
Fiber Cable with Connectors (S3200-CN
@@@-@@-@@).
Product name
Application and construction
Specifications
Model
Standards
Optical Fiber Cable
Controller Link
SYSMAC LINK
SYSBUS
1. Optical fiber single-core cord
2. Tension member (plastic-sheathed wire)
3. Filler (plastic)
4. Filler surrounding signal wires (plastic,
yarn, or fiber)
5. Holding tape (plastic)
6. Heat-resistant PV sheath
Two-core
optical cable
with tension
member
Black
10 m
S3200-HCCB101
---
Black
50 m
S3200-HCCB501
Black
100 m
S3200-HCCB102
Black
500 m
S3200-HCCB502
Black
1,000 m
S3200-HCCB103
Orange
10 m
S3200-HCCO101
Orange
50 m
S3200-HCCO501
Orange
100 m
S3200-HCCO102
Orange
500 m
S3200-HCCO502
Orange
1,000 m
S3200-HCCO103
Optical
Connectors
(Crimp-cut)
Controller Link: CS1W-CLK13
CS1W-CLK12-V1
3G8F7-CLK13-E
3G8F7-CLK12-EV1
CS1W-RPT02
SYSMAC LINK:CS1W-SLK11
3G8F7-SLK11-E
C200HW-SLK13/14
Half-lock
S3200-COCF2571
Controller Link: CS1W-CLK13
CS1W-CLK12-V1
3G8F7-CLK13-E
3G8F7-CLK12-EV1
CS1W-RPT02
SYSMAC LINK:3G8F7-SLK11-E
Full-lock
S3200-COCF2071
*
(1)
(2)
(4)
(3)
(5)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com