| Electronic Components Datasheet Search |
|
PIC24FJ64GA310 Datasheet(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ64GA310 Datasheet(HTML) 2 Page - Microchip Technology |
|
2 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 2 2010-2011 Microchip Technology Inc. High-Performance CPU: • Modified Harvard Architecture • Up to 16 MIPS Operation @ 32 MHz • 8 MHz Internal Oscillator: - 4x PLL option - Multiple clock divide options - Fast start-up • 17-Bit x 17-Bit Single-Cycle Hardware Fractional/Integer Multiplier • 32-Bit by 16-Bit Hardware Divider • 16 x 16-Bit Working Register Array • C Compiler Optimized Instruction Set Architecture • Two Address Generation Units for Separate Read and Write Addressing of Data Memory Special Microcontroller Features: • Operating Voltage Range of 2.0V to 3.6V • Two On-Chip Voltage Regulators (1.8V and 1.2V) for Regular and Extreme Low-Power Operation • 20,000 Erase/Write Cycle Endurance Flash Program Memory, typical • Flash Data Retention: 20 Years Minimum • Self-Programmable under Software Control • Programmable Reference Clock Output • In-Circuit Serial Programming™ (ICSP™) and In-Circuit Emulation (ICE) via 2 Pins • JTAG Boundary Scan Support • Fail-Safe Clock Monitor Operation: - Detects clock failure and switches to on-chip, low-power RC oscillator • Power-on Reset (POR), Power-up Timer (PWRT) and Oscillator Start-up Timer (OST) • Brown-out Reset (BOR) with Operation below VBOR • Low-Voltage Detect (LVD) • Flexible Watchdog Timer (WDT) with its own RC Oscillator for Reliable Operation • Standard and Ultra Low-Power Watchdog Timers (WDT) for Reliable Operation in Standard and Deep Sleep modes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |