Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ64GA310 Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC24FJ64GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA310 Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC24FJ64GA310 Datasheet HTML 23Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 24Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 25Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 26Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 27Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 28Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 29Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 30Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 27
PIC24FJ128GA310 FAMILY
SEG35
—
14
19
G2
O
—
LCD Driver Segment Outputs.
SEG36
—
23
28
L2
O
—
SEG37
—
24
29
K3
O
—
SEG38
—
37
47
L9
O
—
SEG39
—
38
48
K9
O
—
SEG40
—
42
52
K11
O
—
SEG41
—
43
53
J10
O
—
SEG42
—
52
66
E11
O
—
SEG43
—
53
67
E8
O
—
SEG44
—
64
79
A9
O
—
SEG45
—
65
80
D8
O
—
SEG46
—
74
89
E6
O
—
SEG47
364656
J11
O
—
SEG48
597388
A6
O
—
SEG49
—
—
17G3O
—
SEG50
—
75
90
A5
O
—
SEG51
—
—
1
B2
O
—
SEG52
—
—
7
E4
O
—
SEG53
—
—
9
E1
O
—
SEG54
—
—
39
L6
O
—
SEG55
—
—
40
K6
O
—
SEG56
—
—
58
H11
O
—
SEG57
—
—
59
G10
O
—
SEG58
—
—
91C5O
—
SEG59
—
—
92
B5
O
—
SEG60
—
—
95C4O
—
SEG61
—
—
96C3O
—
SEG62
—
—
97
A3
O
—
SEG63
—
—
100
A1
O
—
SOSCI
47
59
73
C10
I
ANA
Secondary Oscillator/Timer1 Clock Input.
SOSCO
48
60
74
B11
O
ANA
Secondary Oscillator/Timer1 Clock Output.
T1CK
22
28
33
L4
I
ST
Timer1 Clock.
TCK
27
33
38
J6
I
ST
JTAG Test Clock/Programming Clock Input.
TDI
28
34
60
G11
I
ST
JTAG Test Data/Programming Data Input.
TDO
24
14
61
G9
O
—
JTAG Test Data Output.
TMS
23
13
17
G3
I
ST
JTAG Test Mode Select Input.
TABLE 1-4:
PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
64-Pin
TQFP
80-Pin
TQFP
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com