Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ64GA310 Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC24FJ64GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA310 Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC24FJ64GA310 Datasheet HTML 55Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 56Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 57Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 58Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 59Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 60Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 61Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 62Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 406 page
background image
TABLE 4-24:
LCD REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
LCDREG
0580
CPEN
—
—
—
—
—
—
—
—
—
BIAS2
BIAS1
BIAS0
MODE13
CKSEL1
CKSEL0
0000
LCDREF
0582
LCDIRE
—
LCDCST2 LCDCST1 LCDCST0 VLCD3PE VLCD2PE VLCD1PE LRLAP1
LRLAP0
LRLBP1
LRLBP0
—
LRLAT2
LRLAT1
LRLAT0
0000
LCDCON
0584
LCDEN
—LCDSIDL
—
—
—
—
—
—
SLPEN
WERR
CS1
CS0
LMUX2
LMUX1
LMUX0
0000
LCDPS
0586
—
—
—
—
—
—
—
—
WFT
BIASMD
LCDA
WA
LP3
LP2
LP1
LP0
0000
LCDDATA0
0590
S15C0
S14C0
S13C0
S12C0
S11C0
S10C0
S09C0
S08C0
S07C0
S06C0
S05C0
S04C0
S03C0
S02C0
S01C0
S00C0
0000
LCDDATA1
0592
S31C0
S30C0
S29C0
S28C0
S27C0
S26C0
S25C0
S24C0
S23C0
S22C0
S21C0
S20C0
S19C0
S18C0
S17C0
S16C0
0000
LCDDATA2
0594
S47C0
S46C0(1) S45C0(1) S44C0(1) S43C0(1) S42C0(1) S41C0(1) S40C0(1) S39C0(1) S38C0(1) S37C0(1) S36C0(1) S35C0(1) S34C0(1) S33C0(1) S32C0(1)
0000
LCDDATA3
0596
S63C0(2) S62C0(2) S61C0(2) S60C0(2) S59C0(2) S58C0(2) S57C0(2) S56C0(2) S55C0(2) S54C0(2) S53C0(2) S52C0(2) S51C0(2) S50C0(1) S49C0(2)
S48C0
0000
LCDDATA4
0598
S15C1
S14C1
S13C1
S12C1
S11C1
S10C1
S09C1
S08C1
S07C1
S06C1
S05C1
S04C1
S03C1
S02C1
S01C1
S00C1
0000
LCDDATA5
059A
S31C1
S30C1
S29C1
S28C1
S27C1
S26C1
S25C1
S24C1
S23C1
S22C1
S21C1
S20C1
S19C1
S18C1
S17C1
S16C1
0000
LCDDATA6
059C
S47C1
S46C1(1) S45C1(1) S44C1(1) S43C1(1) S42C1(1) S41C1(1) S40C1(1) S39C1(1) S38C1(1) S37C1(1) S36C1(1) S35C1(1) S34C1(1) S33C1(1) S32C1(1)
0000
LCDDATA7
059E
S63C1(2) S62C1(2) S61C1(2) S60C1(2) S59C1(2) S58C1(2) S57C1(2) S56C1(2) S55C1(2) S54C1(2) S53C1(2) S52C1(2) S51C1(2) S50C1(1) S49C1(2)
S48C1
0000
LCDDATA8
05A0
S15C2
S14C2
S13C2
S12C2
S11C2
S10C2
S09C2
S08C2
S07C2
S06C2
S05C2
S04C2
S03C2
S02C2
S01C2
S00C2
0000
LCDDATA9
05A2
S31C2
S30C2
S29C2
S28C2
S27C2
S26C2
S25C2
S24C2
S23C2
S22C2
S21C2
S20C2
S19C2
S18C2
S17C2
S16C2
0000
LCDDATA10
05A4
S47C2
S46C2(1) S45C2(1) S44C2(1) S43C2(1) S42C2(1) S41C2(1) S40C2(1) S39C2(1) S38C2(1) S37C2(1) S36C2(1) S35C2(1) S34C2(1) S33C2(1) S32C2(1)
0000
LCDDATA11
05A6
S63C2(2) S62C2(2) S61C2(2) S60C2(2) S59C2(2) S58C2(2) S57C2(2) S56C2(2) S55C2(2) S54C2(2) S53C2(2) S52C2(2) S51C2(2) S50C2(1) S49C2(2)
S48C2
0000
LCDDATA12
05A8
S15C3
S14C3
S13C3
S12C3
S11C3
S10C3
S09C3
S08C3
S07C3
S06C3
S05C3
S04C3
S03C3
S02C3
S01C3
S00C3
0000
LCDDATA13
05AA
S31C3
S30C3
S29C3
S28C3
S27C3
S26C3
S25C3
S24C3
S23C3
S22C3
S21C3
S20C3
S19C3
S18C3
S17C3
S16C3
0000
LCDDATA14
05AC
S47C3
S46C3(1) S45C3(1) S44C3(1) S43C3(1) S42C3(1) S41C3(1) S40C3(1) S39C3(1) S38C3(1) S37C3(1) S36C3(1) S35C3(1) S34C3(1) S33C3(1) S32C3(1)
0000
LCDDATA15
05AE
S63C3(2) S62C3(2) S61C3(2) S60C3(2) S59C3(2) S58C3(2) S57C3(2) S56C3(2) S55C3(2) S54C3(2) S53C3(2) S52C3(2) S51C3(2) S50C3(1) S49C3(2)
S48C3
0000
LCDSE3
058E
SE63(2)
SE62(2)
SE61(2)
SE60(2)
SE59(2)
SE58(2)
SE57(2)
SE56(2)
SE55(2)
SE54(2)
SE53(2)
SE52(2)
SE51(2)
SE50(1)
SE49(2)
SE48
0000
LCDSE2
058C
SE47
SE46(1)
SE45(1)
SE44(1)
SE43(1)
SE42(1)
SE41(1)
SE40(1)
SE39(1)
SE38(1)
SE37(1)
SE36(1)
SE35(1)
SE34(1)
SE33(1)
SE32(1)
0000
LCDSE1
058A
SE31
SE30
SE29
SE28
SE27
SE26
SE25
SE24
SE23
SE22
SE21
SE20
SE019
SE18
SE17
SE16
0000
LCDSE0
0588
SE15
SE14
SE13
SE12
SE11
SE10
SE09
SE08
SE07
SE06
SE05
SE04
SE03
SE02
SE01
SE00
0000
LCDDATA16
05B0
S15C4
S14C4
S13C4
S12C4
S11C4
S10C4
S09C4
S08C4
S07C4
S06C4
S05C4
S04C4
S03C4
S02C4
S01C4
S00C4
0000
LCDDATA17
05B2
S31C4
S30C4
S29C4
S28C4
S27C4
S26C4
S25C4
S24C4
S23C4
S22C4
S21C4
S20C4
S19C4
S18C4
S17C4
S16C4
0000
LCDDATA18
05B4
S47C4
S46C4(1) S45C4(1) S44C4(1) S43C4(1) S42C4(1) S41C4(1) S40C4(1) S39C4(1) S38C4(1) S37C4(1) S36C4(1) S35C4(1) S34C4(1) S33C4(1) S32C4(1)
0000
LCDDATA19
05B6
S63C4(2) S62C4(2) S61C4(2) S60C4(2) S59C4(2) S58C4(2) S57C4(2) S56C4(2) S55C4(2) S54C4(2) S53C4(2) S52C4(2) S51C4(2) S50C4(1) S49C4(2)
S48C4
0000
LCDDATA20
05B8
S15C5
S14C5
S13C5
S12C5
S11C5
S10C5
S09C5
S08C5
S07C5
S06C5
S05C5
S04C5
S03C5
S02C5
S01C5
S00C5
0000
LCDDATA21
05BA
S31C5
S30C5
S29C5
S28C5
S27C5
S26C5
S25C5
S24C5
S23C5
S22C5
S21C5
S20C5
S19C5
S18C5
S17C5
S16C5
0000
LCDDATA22
05BC
S47C5
S46C5(1) S45C5(1) S44C5(1) S43C5(1) S42C5(1) S41C5(1) S40C5(1) S39C5(1) S38C5(1) S37C5(1) S36C5(1) S35C5(1) S34C5(1) S33C5(1) S32C5(1)
0000
LCDDATA23
05BE
S63C5(2) S62C5(2) S61C5(2) S60C5(2) S59C5(2) S58C5(2) S57C5(2) S56C5(2) S55C5(2) S54C5(2) S53C5(2) S52C5(2) S51C5(2) S50C5(1) S49C5(2)
S48C5
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
These bits are unimplemented in 64-pin devices, read as ‘0’.
2:
These bits are unimplemented in 64-pin and 80-pin devices, devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com