Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ64GA310 Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC24FJ64GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA310 Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC24FJ64GA310 Datasheet HTML 88Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 89Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 90Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 91Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 92Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 93Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 94Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 95Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 92
 2010-2011 Microchip Technology Inc.
REGISTER 7-2:
RCON2: RESET AND SYSTEM CONTROL REGISTER 2
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
r-0
R/CO-1
R/CO-1
R/CO-1
R/CO-0
—
—
—
r
VDDBOR(1) VDDPOR(1,2) VBPOR(1,3)
VBAT(1)
bit 7
bit 0
Legend:
CO = Clearable Only bit
r = Reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-5
Unimplemented:
Read as ‘0’
bit 4
Reserved:
Maintain as ‘0’
bit 3
VDDBOR:
VDD Brown-out Reset Flag bit(1)
1
=A VDD Brown-out Reset has occurred (set by hardware)
0
=A VDD Brown-out Reset has not occurred
bit 2
VDDPOR:
VDD Power-On Reset Flag bit(1,2)
1
=A VDD Power-up Reset has occurred (set by hardware)
0
=A VDD Power-up Reset has not occurred
bit 1
VBPOR:
VBPOR Flag bit(1,3)
1
=A VBAT POR has occurred (no battery connected to VBAT pin, or VBAT power below Deep Sleep
Semaphore retention level, set by hardware)
0
=A VBAT POR has not occurred
bit 0
VBAT:
VBAT Flag bit(1)
1
= A POR exit has occurred while power was applied to VBAT pin (set by hardware)
0
= A POR exit from VBAT has not occurred
Note 1:
This bit is set in hardware only; it can only be cleared in software.
2:
Indicates a VDD POR. Setting the POR bit (RCON<0>) indicates a VCORE POR.
3:
This bit is set when the device is originally powered up, even if power is present on VBAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com