Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ64GA310 Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC24FJ64GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA310 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC24FJ64GA310 Datasheet HTML 13Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 14Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 15Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 16Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 17Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 18Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 19Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 20Page - Microchip Technology PIC24FJ64GA310 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 17
PIC24FJ128GA310 FAMILY
TABLE 1-4:
PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
64-Pin
TQFP
80-Pin
TQFP
100-Pin
TQFP
121-Pin
BGA
AN0
16
20
25
K2
I
ANA
A/D Analog Inputs.
AN1
151924
K1
I
ANA
AN1-
15
19
24
K1
I
ANA
AN2
14
18
23
J2
I
ANA
A/D Analog Inputs.
AN3
131722
J1
I
ANA
AN4
121621
H2
I
ANA
AN5
11
15
20
H1
I
ANA
AN6
172126L1
I
ANA
AN7
182227
J3
I
ANA
AN8
212732
K4
I
ANA
AN9
222833L4
I
ANA
AN10
23
29
34
L5
I
ANA
AN11
24
30
35
J5
I
ANA
AN12
27
33
41
J7
I
ANA
AN13
28
34
42
L7
I
ANA
AN14
29
35
43
K7
I
ANA
AN15
30
36
44
L8
I
ANA
AN16
—
—
9
E1
I
ANA
AN17
—
—
10
E3
I
ANA
AN18
—
—
11
F4
I
ANA
AN19
—
—
12
F2
I
ANA
AN20
—
—
14
F3
I
ANA
AN21
—
—
19
G2
I
ANA
AN22
—
—
92
B5
I
ANA
AN23
—
—
91
C5
I
ANA
AVDD
19
25
30
J4
P
—
Positive Supply for Analog modules.
AVSS
20
26
31
L3
P
—
Ground Reference for Analog modules.
C1INA
11
15
20
H1
I
ANA
Comparator 1 Input A.
C1INB
12
16
21
H2
I
ANA
Comparator 1 Input B.
C1INC
5
7
11
F4
I
ANA
Comparator 1 Input C.
C1IND
4
6
10
E3
I
ANA
Comparator 1 Input D.
C2INA
13
17
22
J1
I
ANA
Comparator 2 Input A.
C2INB
14
18
23
J2
I
ANA
Comparator 2 Input B.
C2INC
8
10
14
F3
I
ANA
Comparator 2 Input C.
C2IND
6
8
12
F2
I
ANA
Comparator 2 Input D.
C3INA
55
69
84
C7
I
ANA
Comparator 3 Input A.
C3INB
54
68
83
D7
I
ANA
Comparator 3 Input B.
C3INC
45
57
71
C11
I
ANA
Comparator 3 Input C.
C3IND
44
56
70
D11
I
ANA
Comparator 3 Input D.
CLKI
39
49
63
F9
I
ANA
Main Clock Input Connection.
CLKO
40
50
64
F11
O
—
System Clock Output.
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com